Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HYS72T512341HKP Datasheet(PDF) 5 Page - Qimonda AG

Part # HYS72T512341HKP
Description  240-Pin Registered DDR2 SDRAM Modules
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QIMONDA [Qimonda AG]
Direct Link  http://www.qimonda.com
Logo QIMONDA - Qimonda AG

HYS72T512341HKP Datasheet(HTML) 5 Page - Qimonda AG

  HYS72T512341HKP Datasheet HTML 1Page - Qimonda AG HYS72T512341HKP Datasheet HTML 2Page - Qimonda AG HYS72T512341HKP Datasheet HTML 3Page - Qimonda AG HYS72T512341HKP Datasheet HTML 4Page - Qimonda AG HYS72T512341HKP Datasheet HTML 5Page - Qimonda AG HYS72T512341HKP Datasheet HTML 6Page - Qimonda AG HYS72T512341HKP Datasheet HTML 7Page - Qimonda AG HYS72T512341HKP Datasheet HTML 8Page - Qimonda AG HYS72T512341HKP Datasheet HTML 9Page - Qimonda AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
Internet Data Sheet
Rev. 1.0, 2006-12
5
11032006-VX0M-M6IH
HYS72T512341H[H/J/K]P-[3.7/5]-B
Registered DDR2 SDRAM Modules
2
Pin Configuration
2.1
Pin Configuration
The pin configuration of the Registered DDR2 SDRAM DIMM
is listed by function in Table 5 (240 pins). The abbreviations
used in columns Pin and Buffer Type are explained in Table 6
and Table 7 respectively. The pin numbering is depicted in
Figure 1.
TABLE 5
Pin Configuration of RDIMM
Pin No.
Name
Pin
Type
Buffer
Type
Function
Clock Signals
185
CK0
I
SSTL
Clock Signal CK0, Complementary Clock Signal CK0
186
CK0
I
SSTL
52
CKE0
I
SSTL
Clock Enables 1:0
Note: 2-Ranks module
171
CKE1
I
SSTL
NC
NC
—
Not Connected
Note: 1-Rank module
Control Signals
193
S0
I
SSTL
Chip Select Rank 3:0
76
S1
I
SSTL
220
S2
I
SSTL
221
S3
I
SSTL
192
RAS
I
SSTL
Row Address Strobe (RAS), Column Address Strobe (CAS), Write
Enable (WE)
74
CAS
I
SSTL
73
WE
I
SSTL
18
RESET
ICMOS
Register Reset
Address Signals
71
BA0
I
SSTL
Bank Address Bus 1:0
190
BA1
I
SSTL
54
BA2
I
SSTL
Bank Address Bus 2
Greater than 512Mb DDR2 SDRAMS
NC
I
SSTL
Not Connected
Less than 1Gb DDR2 SDRAMS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com