Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HYS72T512341HKP Datasheet(PDF) 18 Page - Qimonda AG

Part # HYS72T512341HKP
Description  240-Pin Registered DDR2 SDRAM Modules
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QIMONDA [Qimonda AG]
Direct Link  http://www.qimonda.com
Logo QIMONDA - Qimonda AG

HYS72T512341HKP Datasheet(HTML) 18 Page - Qimonda AG

Back Button HYS72T512341HKP Datasheet HTML 14Page - Qimonda AG HYS72T512341HKP Datasheet HTML 15Page - Qimonda AG HYS72T512341HKP Datasheet HTML 16Page - Qimonda AG HYS72T512341HKP Datasheet HTML 17Page - Qimonda AG HYS72T512341HKP Datasheet HTML 18Page - Qimonda AG HYS72T512341HKP Datasheet HTML 19Page - Qimonda AG HYS72T512341HKP Datasheet HTML 20Page - Qimonda AG HYS72T512341HKP Datasheet HTML 21Page - Qimonda AG HYS72T512341HKP Datasheet HTML 22Page - Qimonda AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
Internet Data Sheet
Rev. 1.0, 2006-12
18
11032006-VX0M-M6IH
HYS72T512341H[H/J/K]P-[3.7/5]-B
Registered DDR2 SDRAM Modules
TABLE 15
I
DD Specification for HYS72T512341H[HJ/K]P–[3.7/5]–B
Product Type
HYS72T512341H
[H/J/K]P–3.7–B
HYS72T512341H
[HJ/K]P–5–B
Unit
Note1)
1) Calculated values from component data. ODT disabled.
I
DD1, IDD4R, and IDD7, are defined with the outputs disabled.
Organization
4 GB
4 GB
4 Ranks
4 Ranks
×72
×72
–3.7
–5
Symbol
Max.
Max.
I
DD0
2780
2450
mA
2)
2) The other rank is in
I
DD2P Precharge Power-Down Current mode
I
DD1
2960
2610
mA
2)
I
DD2N
3970
3420
mA
3)
3) Both ranks are in the same
I
DDcurrent mode
I
DD2P
1730
1480
mA
3)
I
DD2Q
3750
3280
mA
3)
I
DD3N
4330
3780
mA
3)
I
DD3P( MRS = 0)
3250
2700
mA
3)4)
4) Fast: MRS(12)=0
I
DD3P( MRS = 1)
1880
1620
mA
3)5)
5) Slow: MRS(12)=1
I
DD4R
3590
3060
mA
2)
I
DD4W
3590
3060
mA
2)
I
DD5B
3950
3600
mA
2)
I
DD5D
1880
1620
mA
3)6)
6)
I
DD5D and IDD6 values are for 0°C ≤ TCase ≤ 85°C
I
DD6
360
504
mA
3)6)
I
DD7
4220
3890
mA
2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com