Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP91CW60DFG Datasheet(PDF) 71 Page - Toshiba Semiconductor

Part # TMP91CW60DFG
Description  16 Bit Microcontroller
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP91CW60DFG Datasheet(HTML) 71 Page - Toshiba Semiconductor

Back Button TMP91CW60DFG Datasheet HTML 67Page - Toshiba Semiconductor TMP91CW60DFG Datasheet HTML 68Page - Toshiba Semiconductor TMP91CW60DFG Datasheet HTML 69Page - Toshiba Semiconductor TMP91CW60DFG Datasheet HTML 70Page - Toshiba Semiconductor TMP91CW60DFG Datasheet HTML 71Page - Toshiba Semiconductor TMP91CW60DFG Datasheet HTML 72Page - Toshiba Semiconductor TMP91CW60DFG Datasheet HTML 73Page - Toshiba Semiconductor TMP91CW60DFG Datasheet HTML 74Page - Toshiba Semiconductor TMP91CW60DFG Datasheet HTML 75Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 262 page
background image
Page 68
2007-12-03
TMP91CW60
4.7
Port 6 (P60 to P67)
Port 6 is an 8-bit general-purpose I/O port. By the reset action, it becomes Hi-Z and becomes analog input permis-
sion.All bits of output latch register P6 are set to “1”.
There are the following functions in addition to an I/O port.
•The input function of the Analog/Digital Converter (AN8 to AN15)
Reset operation initializes, P6CR,P6FC to “0”, all bits are set to input port.
Figure 4-12 Port 6
A
B
S
S
Port 6
P60 to P67
(AN8 to AN15)
AD
Function
control
(on bit basis)
Direction
control
(on bit basis)
P6FC write
P6CR write
Reset
P6 write
P6 read
AD read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com