Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP91CW60DFG Datasheet(PDF) 18 Page - Toshiba Semiconductor

Part # TMP91CW60DFG
Description  16 Bit Microcontroller
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP91CW60DFG Datasheet(HTML) 18 Page - Toshiba Semiconductor

Back Button TMP91CW60DFG Datasheet HTML 14Page - Toshiba Semiconductor TMP91CW60DFG Datasheet HTML 15Page - Toshiba Semiconductor TMP91CW60DFG Datasheet HTML 16Page - Toshiba Semiconductor TMP91CW60DFG Datasheet HTML 17Page - Toshiba Semiconductor TMP91CW60DFG Datasheet HTML 18Page - Toshiba Semiconductor TMP91CW60DFG Datasheet HTML 19Page - Toshiba Semiconductor TMP91CW60DFG Datasheet HTML 20Page - Toshiba Semiconductor TMP91CW60DFG Datasheet HTML 21Page - Toshiba Semiconductor TMP91CW60DFG Datasheet HTML 22Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 262 page
background image
Page 15
2007-12-03
TMP91CW60
2.3.3
System Clock Controller
The system clock controller generates the system clock signal (fSYS) for the CPU core and internal I/O.It
contains two oscillation circuits and a clock gear circuit for high-frequency (fc) operation. The register
SYSCR1<SYSCK> changes the system clock to either fc or fs, SYSCR0<XEN> and SYSCR0<XTEN> con-
trol enabling and disabling of each oscillator, and SYSCR1<GEAR2:0> sets the high-frequency clock gear to
either 1, 2, 4, 8 or 16 (fc, fc/2, fc/4, fc/8 or fc/16). These functions can reduce the power consumption of the
equipment in which the device is installed.
The combination of settings <XEN> = "1", <XTEN> = "0", <SYSCK> = "0" and <GEAR2:0> = "000" will
cause the system clock (fSYS) to be set to fc/2 (=fc x 1/2) after a Reset. For example, fSYS is set to 8 MHz when
the 16 MHz oscillator connected to the X1 and X2 pins.
(1) Switching from NORMAL mode to SLOW mode
When the resonator is connected to the X1 and X2 pins, or to the XT1 and XT2 pins, the warm-up timer
can be used to change the operation frequency after stable oscillation has been attained.
The warm-up time can be selected using SYSCR2<WUPTM1:0>.
This warm-up timer can be programmed to start and stop as shown in the following examples 1 and 2.
Table 2-2 shows the warm-up time.
Note 1: When using an oscillator (other than a resonator) with stable oscillation, a warm-up timer is not needed.
Note 2: The warm-up timer is operated by an oscillation clock. Hence, there may be some variation in warm-up
time.
Note 3: Note of using low-frequency oscillator
When connect low-frequency oscillator to ports 96 and 97, need below setting for cut consumption power.
(Case of resonators)
Set P9CR<P96C, P97C> = "11", P9<P96:97> = "00"
(Case of oscillator)
Set P9CR<P96C, P97C> = "11", P9<P96:97> = "10"
Note: At fOSCH=20MHz,fs=32.768kHz
Table 2-2
Warm-up Times (when changing clock)
Select Warm-up Time
SYSCR2<WUPTM1:0>
Change to NORMAL (fc)
Change to SLOW (fs)
01(28/frequency)
12.8[us]
7.8[ms]
10(214/frequency)
0.819[ms]
500[ms]
11(216/frequency)
3.277[ms]
2000[ms]
00(218/frequency)
13.107[ms]
8000[ms]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com