Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP91CW60DFG Datasheet(PDF) 84 Page - Toshiba Semiconductor

Part # TMP91CW60DFG
Description  16 Bit Microcontroller
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP91CW60DFG Datasheet(HTML) 84 Page - Toshiba Semiconductor

Back Button TMP91CW60DFG Datasheet HTML 80Page - Toshiba Semiconductor TMP91CW60DFG Datasheet HTML 81Page - Toshiba Semiconductor TMP91CW60DFG Datasheet HTML 82Page - Toshiba Semiconductor TMP91CW60DFG Datasheet HTML 83Page - Toshiba Semiconductor TMP91CW60DFG Datasheet HTML 84Page - Toshiba Semiconductor TMP91CW60DFG Datasheet HTML 85Page - Toshiba Semiconductor TMP91CW60DFG Datasheet HTML 86Page - Toshiba Semiconductor TMP91CW60DFG Datasheet HTML 87Page - Toshiba Semiconductor TMP91CW60DFG Datasheet HTML 88Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 262 page
background image
Page 81
2007-12-03
TMP91CW60
Note: <PAxF>/<PAxC> is bit X of each register PAFC/PACR.
Port A Register
7
654321
0
PA
(0028H)
Bit symbol
–
–
–
–
PA3
PA2
PA1
PA0
Read/Write
–
–
–
–
R/W
After reset
–
–
–
–
Data from external port (Output latch register is set to “1”.)
Port A Control Register (Read-modify-write instructions are prohibited.)
7
654321
0
PACR
(002AH)
Bit symbol
–
–
–
–
PA3C
PA2C
PA1C
PA0C
Read/Write
–
–
–
–
W
After reset
–
–––000
0
Function
–
–
–
–
0: Input 1: Output
Port A Function Register (Read-modify-write instructions are prohibited.)
7
654321
0
PAFC
(002BH)
Bit symbol
–
–
–
–
PA3F
PA2F
PA1F
PA0F
Read/Write
–
–
–
–
W
After reset
–
–––000
0
Function
–
–
–
–
0: port
1: TB2OUT1
0:port
1: TB2OUT0
0: port
1: TB2IN1,
INT2
0: port
1: TB2IN0,
INT1
PAxC
PAxF
PA3
function
PA2
function
PA1
function
PA0
function
0
0
input port
input port
input port
input port
0
1
output port
output port
output port
output port
1
0
reserved
reserved
TB2IN1/ INT2
TB2IN0/INT1
1
1
TB2OUT1
TB2OUT0
reserved
reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com