Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP91CW60DFG Datasheet(PDF) 28 Page - Toshiba Semiconductor

Part # TMP91CW60DFG
Description  16 Bit Microcontroller
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP91CW60DFG Datasheet(HTML) 28 Page - Toshiba Semiconductor

Back Button TMP91CW60DFG Datasheet HTML 24Page - Toshiba Semiconductor TMP91CW60DFG Datasheet HTML 25Page - Toshiba Semiconductor TMP91CW60DFG Datasheet HTML 26Page - Toshiba Semiconductor TMP91CW60DFG Datasheet HTML 27Page - Toshiba Semiconductor TMP91CW60DFG Datasheet HTML 28Page - Toshiba Semiconductor TMP91CW60DFG Datasheet HTML 29Page - Toshiba Semiconductor TMP91CW60DFG Datasheet HTML 30Page - Toshiba Semiconductor TMP91CW60DFG Datasheet HTML 31Page - Toshiba Semiconductor TMP91CW60DFG Datasheet HTML 32Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 262 page
background image
Page 25
2007-12-03
TMP91CW60
3. STOP mode
When STOP mode is selected, all internal circuits stop, including the internal oscillator. Pin status in
STOP mode depends on the settings in the SYSCR2<DRVE> register. Table 2-9 summarizes the state of
these pins in STOP mode.
After STOP mode has been cleared, system clock output starts when the warm-up time has elapsed, in
order to allow oscillation to stabilize. After STOP mode has been cleared, either NORMAL mode or
SLOW mode can be selected using the SYSCR0<RSYSCK> register. Therefore, <RSYSCK>, <RXEN>
and <RXTEN> must be set. See the sample warm-up times in Table 2-8.
Figure 2-9 illustrates the timing for clearance of the STOP mode halt state by an interrupt.
Figure 2-9 Timing Chart for STOP Mode Halt State Cleared by Interrupt
Note: fOSCH=20MHz, fs=32.768kHz
Table 2-8
Sample Warm-up Times after Clearance of STOP Mode
SYSCR0
<RSYSCK>
SYSCR2<WUPTM1:0>
01(28)10(214)11(216)
00(218)
0(fc)
12.8us
0.819ms
3.277ms
13.107ms
1(fs)
7.8ms
500ms
2000ms
8000ms
STOP
X1
A0∼A23
RD
WR
AD0∼AD15
ALE
Address
Address
Data
Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com