Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AX6617BESA Datasheet(PDF) 5 Page - AXElite technology co. ltd

Part # AX6617BESA
Description  3A Ultra Low Dropout Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX6617BESA Datasheet(HTML) 5 Page - AXElite technology co. ltd

  AX6617BESA Datasheet HTML 1Page - AXElite technology co. ltd AX6617BESA Datasheet HTML 2Page - AXElite technology co. ltd AX6617BESA Datasheet HTML 3Page - AXElite technology co. ltd AX6617BESA Datasheet HTML 4Page - AXElite technology co. ltd AX6617BESA Datasheet HTML 5Page - AXElite technology co. ltd AX6617BESA Datasheet HTML 6Page - AXElite technology co. ltd AX6617BESA Datasheet HTML 7Page - AXElite technology co. ltd AX6617BESA Datasheet HTML 8Page - AXElite technology co. ltd AX6617BESA Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5/16
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.2.1 Nov.12, 2019
AX6617
ELECTRICAL CHARACTERISTICS
(VCNTL= 5V, VIN=1.8V, VOUT=1.2V, TA=25°C unless otherwise specified)
Characteristics
Symbol
Conditions
Min Typ Max Units
VCNTL POR Threshold
VCNTL
2.5 2.7 2.9
V
VCNTL POR Hysteresis
VCNTL(hys)
-
0.4
-
V
VIN POR Threshold
VIN(POR)
0.8 0.9 1.0
V
VIN POR Hysteresis
VIN(hys)
-
0.5
-
V
VCNTL Nominal
Supply Current
ICNTL EN= VCNTL
0.4
1
1.5 mA
VCNTL Shutdown Current
ISD
EN= 0V
AX6617A
-
-
1
uA
AX6617B
-
10
30
VIN Shutdown Current
ISD_VIN EN= 0V,FB=1
AX6617A
-
-
1
uA
AX6617B
-
-
1
Feedback Voltage
VFB
VCNTL=5V, IOUT =10mA
0.788 0.8 0.812 V
Feedback Current
IFB
VFB=1V
-
5
-
nA
Line Regulation
VCNTL= VEN =5V
VIN = VOUT + 0.5V~5V
IOUT =10mA
- 0.01 0.1 %/V
Load Regulation
IOUT=0A ~ 2A
-
0.2
1
%
On Resistance
RDS(ON)
IOUT=100mA, VCNTL=5.0V,
VOUT=1.2V
-
115 150 mΩ
Dropout Voltage
VDROP
IOUT = 2A,
VCNTL=5V
VOUT=1.2V - 0.23 0.3
V
VOUT Pull Low Resistance
EN=0V
-
90
-
Ω
Soft Start Time
TSS
1
2
3
mS
EN Pin Logic input threshold
voltage
VENH Enable
1.2
-
-
V
VENL Disable
-
-
0.6
EN Hysteresis
-
40
-
mV
EN Pin Pull- High or Pull- Low
Current
IEN
EN=5V, AX6617A
-
10
20
uA
EN=GND, AX6617B
-
10
20
Current Limit
ILIM
VCNTL=5V
VIN=VOUT+1V
3.6
-
6
A
Ripple Rejection
VIN
PSRR F=120Hz, IOUT=100mA
-
65
-
dB
VCNTL
-
65
-
Inrush current
VCNTL=5V, COUT=10uF
EN startup, IOUT=2A
-
0.5
-
A
Under-Voltage Threshold
VFB Falling
-
0.4
-
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com