Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AX6617BESA Datasheet(PDF) 8 Page - AXElite technology co. ltd

Part # AX6617BESA
Description  3A Ultra Low Dropout Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX6617BESA Datasheet(HTML) 8 Page - AXElite technology co. ltd

Back Button AX6617BESA Datasheet HTML 4Page - AXElite technology co. ltd AX6617BESA Datasheet HTML 5Page - AXElite technology co. ltd AX6617BESA Datasheet HTML 6Page - AXElite technology co. ltd AX6617BESA Datasheet HTML 7Page - AXElite technology co. ltd AX6617BESA Datasheet HTML 8Page - AXElite technology co. ltd AX6617BESA Datasheet HTML 9Page - AXElite technology co. ltd AX6617BESA Datasheet HTML 10Page - AXElite technology co. ltd AX6617BESA Datasheet HTML 11Page - AXElite technology co. ltd AX6617BESA Datasheet HTML 12Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8/16
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.2.1 Nov.12, 2019
AX6617
VOUT
Regulator output pin. Please connect Pin 6 using wide tracks. It is necessary to
connect an output capacitor with this pin for closed-loop compensation and improving
transient responses.
FUNCTION DESCRIPTIONS
Power-On-Reset
A Power-On-Reset (POR) circuit monitors both input voltages at VCNTL and VIN pins
to prevent wrong logic controls. The POR function initiates a soft-start process after the
two supply voltages exceed their rising POR threshold voltages during powering on. The
POR function also pulls low the POK pin regardless the output voltage when the VCNTL
voltage falls below its falling POR threshold.
Internal Soft-Start
An internal soft-start function controls rise rate of the output voltage to limit the
current surge at start-up. The typical soft-start interval is about 2mS.
Output Voltage Regulation
An error amplifier working with a temperature compensated 0.8V reference and an
output NMOS regulates output to the preset voltage. The error amplifier designed with high
bandwidth and DC gain provides very fast transient response and less load regulation. It
compares the reference with the feedback voltage and amplifies the difference to drive the
output NMOS which provides load current from VIN to VOUT.
Current-Limit
The AX6617 monitors the current via the output NMOS and limits the maximum
current to prevent load and AX6617 from damages during overload or short circuit
conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com