Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AX6617BESA Datasheet(PDF) 9 Page - AXElite technology co. ltd

Part # AX6617BESA
Description  3A Ultra Low Dropout Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX6617BESA Datasheet(HTML) 9 Page - AXElite technology co. ltd

Back Button AX6617BESA Datasheet HTML 5Page - AXElite technology co. ltd AX6617BESA Datasheet HTML 6Page - AXElite technology co. ltd AX6617BESA Datasheet HTML 7Page - AXElite technology co. ltd AX6617BESA Datasheet HTML 8Page - AXElite technology co. ltd AX6617BESA Datasheet HTML 9Page - AXElite technology co. ltd AX6617BESA Datasheet HTML 10Page - AXElite technology co. ltd AX6617BESA Datasheet HTML 11Page - AXElite technology co. ltd AX6617BESA Datasheet HTML 12Page - AXElite technology co. ltd AX6617BESA Datasheet HTML 13Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9/16
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.2.1 Nov.12, 2019
AX6617
Under-Voltage Protection (UVP)
The AX6617 monitors the voltage on FB pin after soft-start process is finished.
Therefore the UVP is disabling during soft-start. When the voltage on FB pin falls below
the under-voltage threshold, the UVP circuit shuts off the output immediately. After a while,
the AX6617 starts a new soft-start to regulate output.
Thermal Shutdown
A thermal shutdown circuit limits the junction temperature of AX6617. When the
junction temperature exceeds +160°C, a thermal sensor turns off the output NMOS,
allowing the device to cool down. The regulator regulates the output again through
initiation of a new soft-start cycle after the junction temperature cools by 40°C, resulting in
a pulsed output during continuous thermal overload conditions. The thermal shutdown
designed
APPLICATION INFORMATION
Capacitor Selection
Normally, use a MLCC capacitor on the input and output of the AX6617. Larger input
capacitor values provide better supply-noise rejection and transient response. A higher-
value output capacitor may be necessary if large, fast transients are anticipated and the
device is located several inches from the power source. The X5R and X7R type in MLCC is
recommended. For aluminum electrolytic capacitor application, 100uF in input capacitor
and 220uF in output capacitor (30mΩ < ESR < 200mΩ) are recommended. Output
capacitor of larger capacitance can reduce noise and improve load transient response,
stability, and PSRR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com