Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AX6617BESA Datasheet(PDF) 6 Page - AXElite technology co. ltd

Part # AX6617BESA
Description  3A Ultra Low Dropout Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX6617BESA Datasheet(HTML) 6 Page - AXElite technology co. ltd

Back Button AX6617BESA Datasheet HTML 2Page - AXElite technology co. ltd AX6617BESA Datasheet HTML 3Page - AXElite technology co. ltd AX6617BESA Datasheet HTML 4Page - AXElite technology co. ltd AX6617BESA Datasheet HTML 5Page - AXElite technology co. ltd AX6617BESA Datasheet HTML 6Page - AXElite technology co. ltd AX6617BESA Datasheet HTML 7Page - AXElite technology co. ltd AX6617BESA Datasheet HTML 8Page - AXElite technology co. ltd AX6617BESA Datasheet HTML 9Page - AXElite technology co. ltd AX6617BESA Datasheet HTML 10Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6/16
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.2.1 Nov.12, 2019
AX6617
ELECTRICAL CHARACTERISTICS (CONTINUOUS)
Characteristics
Symbol
Conditions
Min Typ Max Units
POK Threshold Voltage for
Power OK
VPOK VFB Rising
88% 92% 96% VFB
POK Threshold Voltage for
Power Not OK
VPNOK VFB Falling
-
81% -
VFB
POK Low Voltage
POK sinks 5mA
-
0.25 0.4
V
POK Delay Time
TDELAY
0.8
2
4
mS
Thermal shutdown Temp
TSD
-
160
-
°C
Thermal Shutdown
Hysteresis
TSH
-
40
-
°C
APPLICATION CIRCUIT
1. Using an Aluminum Electrolytic Output Capacitor
C1
1uF
R1
1K
VOUT=1.2V/2A
VIN=1.8V
R3
VCNTL=5V
C4
220uF
C5
0.1uF
U1
AX6617
4
7
6
8
5
2
1
3
VCNTL
FB
VOUT
GND
NC
EN
POK
VIN
C2
100uF
C3
0.1uF
C6
12~48nF
R2
2K
OFF
ON
(Option)
10K
2. Using an MLCC Output Capacitor
VIN=1.8V
R3
10K
VOUT=1.2V/2A
VFB = 0.8V
U2
AX6617
4
7
6
8
5
2
1
3
VCNTL
FB
VOUT
GND
NC
EN
POK
VIN
C6
56pF
C5
10uF
C1
1uF
C3
4.7uF
VOUT=VFB*(1+R1/R2)
VCNTL=5V
R2
78K
R1
39K
OFF
ON
(Option)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com