Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AX6617BESA Datasheet(PDF) 1 Page - AXElite technology co. ltd

Part # AX6617BESA
Description  3A Ultra Low Dropout Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX6617BESA Datasheet(HTML) 1 Page - AXElite technology co. ltd

  AX6617BESA Datasheet HTML 1Page - AXElite technology co. ltd AX6617BESA Datasheet HTML 2Page - AXElite technology co. ltd AX6617BESA Datasheet HTML 3Page - AXElite technology co. ltd AX6617BESA Datasheet HTML 4Page - AXElite technology co. ltd AX6617BESA Datasheet HTML 5Page - AXElite technology co. ltd AX6617BESA Datasheet HTML 6Page - AXElite technology co. ltd AX6617BESA Datasheet HTML 7Page - AXElite technology co. ltd AX6617BESA Datasheet HTML 8Page - AXElite technology co. ltd AX6617BESA Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1/16
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.2.1 Nov.12, 2019
AX6617
3A Ultra Low Dropout Linear Regulator
GENERAL DESCRIPTION
The AX6617 series is a 3A ultra low dropout linear regulator. This product is
specifically designed to provide well supply voltage for front-side-bus termination on
motherboards and NB applications. The IC needs two supply voltages, a control voltage for
the circuitry and a main supply voltage for power conversion, to reduce power dissipation
and provide extremely low dropout. The AX6617 series integrates many functions. A
Power-On-Reset (POR) circuit monitors both supply voltages to prevent wrong operations.
A thermal shutdown and current limit functions protect the device against thermal and
current over-loads. A POK indicates the output status with time delay which is set internally.
It can control other converter for power sequence. The AX6617 series can be enabled by
other power system. Pulling and holding the EN pin below 0.6V shuts off the output.
The AX6617 series is available in SOP-8L-EP and TDFN-10L package, being
applicable in 2~3W applications.
FEATURES
-
Ultra Low Dropout 0.23V(typical) @ 2A Output Current for 1.2V output Voltage
-
Low ESR Output Capacitor (Multi-layer Chip Capacitors (MLCC)) Applicable
-
EN internal pull-low for AX6617A
EN internal pull-high for AX6617B
-
Fast Transient Response
-
Adjustable Output Voltage by External Resistors
-
Power-On-Reset Monitoring on Both VCNTL and VIN Pins
-
Internal Soft-Start
-
Under-Voltage Protection
-
Current-Limit and Thermal Shutdown Protection
-
Power-OK Output with a Delay Time
-
SOP-8L with Exposed and TDFN-10L Pad Pb-Free Package
-
RoHS and Halogen free compliance


Similar Part No. - AX6617BESA

ManufacturerPart #DatasheetDescription
logo
AXElite technology co. ...
AX6613 AXELITE-AX6613 Datasheet
694Kb / 16P
1A Ultra Low Dropout Linear Regulator
Rev.1.5 Nov.11, 2019
AX6613C AXELITE-AX6613C Datasheet
694Kb / 16P
1A Ultra Low Dropout Linear Regulator
Rev.1.5 Nov.11, 2019
AX6613CA AXELITE-AX6613CA Datasheet
694Kb / 16P
1A Ultra Low Dropout Linear Regulator
Rev.1.5 Nov.11, 2019
AX6613ES AXELITE-AX6613ES Datasheet
694Kb / 16P
1A Ultra Low Dropout Linear Regulator
Rev.1.5 Nov.11, 2019
AX6613ESA AXELITE-AX6613ESA Datasheet
694Kb / 16P
1A Ultra Low Dropout Linear Regulator
Rev.1.5 Nov.11, 2019
More results

Similar Description - AX6617BESA

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APE8953 A-POWER-APE8953 Datasheet
472Kb / 8P
3A ULTRA LOW DROPOUT LINEAR REGULATOR
APE8903B A-POWER-APE8903B Datasheet
1Mb / 10P
3A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ4230 HTC-TJ4230 Datasheet
211Kb / 9P
3A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8963 A-POWER-APE8963_14 Datasheet
152Kb / 9P
3A ULTRA LOW DROPOUT LINEAR REGULATOR
APE8981 A-POWER-APE8981_14 Datasheet
104Kb / 9P
3A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Analog Intergrations Co...
AIC1185 AIC-AIC1185 Datasheet
241Kb / 13P
3A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8903C A-POWER-APE8903C Datasheet
114Kb / 9P
3A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
uPI Group Inc.
UP8801S UPI-UP8801S Datasheet
198Kb / 15P
3A Ultra Low Dropout Linear Regulator
logo
List of Unclassifed Man...
UP7706 ETC2-UP7706 Datasheet
369Kb / 12P
3A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8981 A-POWER-APE8981 Datasheet
200Kb / 11P
3A ULTRA LOW DROPOUT LINEAR REGULATOR
201204032
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com