Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP86FS27FG Datasheet(PDF) 16 Page - Toshiba Semiconductor

Part # TMP86FS27FG
Description  CMOS 8-BIT MICROCONTROLLER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS27FG Datasheet(HTML) 16 Page - Toshiba Semiconductor

Back Button TMP86FS27FG Datasheet HTML 12Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 13Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 14Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 15Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 16Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 17Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 18Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 19Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 20Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
86FS27-16
2007-08-07
TMP86FS27
2.6.2
RAM Loader Mode (Operation command: 60H)
Table 2.6.2 shows RAM loader mode process.
Table 2.6.2 RAM Loader Mode Process
Note 1: “xxH
× 3” denotes that operation stops after sending 3 bytes of xxH. For details, refer to 2.8
“Error Code”.
Note 2: Refer to 2.10 “Intel Hex Format (Binary)”.
Note 3: Refer to 2.9 “Checksum (SUM)”.
Note 4: Refer to 2.11 “Passwords”.
Number of
Bytes
Transferred
Transfer Data from
External Controller to
TMP86FS27
Baud Rate
Transfer Data from
TMP86FS27 to External
Controller
BOOT
ROM
1st byte
2nd byte
Matching data (5AH)
−
9600 bps
9600 bps
− (Baud rate auto set)
OK: Echo back data (5AH)
Error: Nothing transmitted
3rd byte
4th byte
Baud rate modification data
(See Table 2.4.1)
−
9600 bps
9600 bps
−
OK: Echo back data
Error:A1H
× 3, A3H × 3, 62H × 3
(Note 1)
5th byte
6th byte
Operation command data (60H)
−
Changed new baud rate
Changed new baud rate
−
OK: Echo back data (60H)
Error: A1H
× 3, A3H × 3, 63H × 3
(Note 1)
7th byte
8th byte
Address 15 to 08 in which to
store Password count (Note 4)
Changed new baud rate
Changed new baud rate
−
OK: Nothing transmitted
Error: Nothing transmitted
9th byte
10th byte
Address 07 to 00 in which to
store Password count (Note 4)
Changed new baud rate
Changed new baud rate
−
OK: Nothing transmitted
Error: Nothing transmitted
11th byte
12th byte
Address 15 to 08 in which to
start Password comparison
(Note 4)
Changed new baud rate
Changed new baud rate
−
OK: Nothing transmitted
Error: Nothing transmitted
13th byte
14th byte
Address 07 to 00 in which to
start Password comparison
(Note 4)
Changed new baud rate
Changed new baud rate
−
OK: Nothing transmitted
Error: Nothing transmitted
15th byte
:
m'th byte
Password string (Note 5)
−
Changed new baud rate
Changed new baud rate
−
OK: Nothing transmitted
Error: Nothing transmitted
m'th
+ 1 byte
:
n'th
− 2 byte
Extended Intel format (Binary)
(Note 2)
Changed new baud rate
−
n'th
− 1 byte
−
Changed new baud rate
OK: SUM (High) (Note 3)
Error: Nothing transmitted
n'th byte
−
Changed new baud rate
OK: SUM (Low) (Note 3)
Error: Nothing transmitted
RAM
−
The program jumps to the start address of RAM in which the first transferred data has been written.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com