Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP86FS27FG Datasheet(PDF) 31 Page - Toshiba Semiconductor

Part # TMP86FS27FG
Description  CMOS 8-BIT MICROCONTROLLER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS27FG Datasheet(HTML) 31 Page - Toshiba Semiconductor

Back Button TMP86FS27FG Datasheet HTML 24Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 25Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 26Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 27Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 28Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 29Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 30Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 31Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 32Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 31 / 32 page
background image
86FS27-31
2007-08-07
TMP86FS27
Note 1: A quartz resonator can be used for high-frequency oscillation only when VDD is 2.7 V or
above. If VDD is below 2.7 V, use a ceramic resonator.
Note 2: To ensure stable oscillation, the resonator position, load capacitance, etc. must be
appropriate. Because these factors are greatly affected by board patterns, please be sure to
evaluate operation on the board on which the device will actually be mounted.
Note 3: For the resonators to be used with Toshiba microcontrollers, we recommend ceramic
resonators manufactured by Murata Manufacturing Co., Ltd.
For details, please visit the website of Murata at the following URL:
http://www.murata.com
•
The solderability test conditions for lead-free products (indicated by the suffix G in product
name) are shown below.
1. When using the Sn-63Pb solder bath
Solder bath temperature = 230
°C
Dipping time = 5 seconds
Number of times = once
R-type flux used
2. When using the Sn-3.0Ag-0.5Cu solder bath
Solder bath temperature = 245
°C
Dipping time = 5 seconds
Number of times = once
R-type flux used
The pass criteron of the above test is as follows:
Solderability rate until forming
≥ 95 %
•
When using the device (oscillator) in places exposed to high electric fields such as cathode-
ray tubes, we recommend electrically shielding the package in order to maintain normal
operating condition.
Recommended Oscillating Conditions
Handling Precaution
High-frequency oscillation
XTIN
XTOUT
XIN
XOUT
C1
C2
C1
C2
Low-frequency oscillation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com