Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP86FS27FG Datasheet(PDF) 18 Page - Toshiba Semiconductor

Part # TMP86FS27FG
Description  CMOS 8-BIT MICROCONTROLLER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS27FG Datasheet(HTML) 18 Page - Toshiba Semiconductor

Back Button TMP86FS27FG Datasheet HTML 14Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 15Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 16Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 17Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 18Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 19Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 20Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 21Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 22Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
86FS27-18
2007-08-07
TMP86FS27
2.6.3
Flash Memory Memory SUM Output Mode (Operation command: 90H)
Table 2.6.3 shows flash memory SUM output mode process.
Table 2.6.3 Flash Memory Memory SUM Output Process
Note 1: “xxH
× 3” denotes that operation stops after sending 3 bytes of xxH. For details, refer to 2.8
“Error Code”.
Note 2: Refer to 2.9 “Checksum (SUM)”
Description of flash memory SUM output mode
1. The process of the 1st byte through the 4th byte are the same as flash memory writing mode.
2. The receive data in the 5th byte is the flash memory SUM command data (90H) to calculate
the entire flash memory.
3. When the 5th byte is one of the operation command data shown in Table 2.5.1, the device
sends the echo back data which is the same as received operation command data (in this case,
90H). If the 5th byte data does not correspond to the operation command data, the device
stops UART function after sending 3 bytes of operation command error code: (63H).
4. The 7th and the 8th bytes are the SUM value that is sent to the controller in order of the
upper byte and the lower byte. For details on how to calculate the SUM, refer to 2.9
“Checksum (SUM)”.
5. After sending the SUM, the device waits for the next operation command data.
Number of
Bytes
Transferred
Transfer Data from
External Controller to
TMP86FS27
Baud Rate
Transfer Data from
TMP86FS27 to External
Controller
BOOT
ROM
1st byte
2nd byte
Matching data (5AH)
−
9600 bps
9600 bps
− (Baud rate auto set)
OK: Echo back data (5AH)
Error: Nothing transmitted
3rd byte
4th byte
Baud rate modification data
(See Table 2.4.1)
−
9600 bps
9600 bps
−
OK: Echo back data
Error: A1H
× 3, A3H × 3, 62H × 3
(Note 1)
5th byte
6th byte
Operation command data
(90H)
−
Changed new baud rate
Changed new baud rate
−
OK: Echo back data (90H)
Error: A1H
× 3, A3H × 3, 63H × 3
(Note 1)
7th byte
−
Changed new baud rate
OK: SUM (High) (Note 2)
Error: Nothing transmitted
8th byte
−
Changed new baud rate
OK: SUM (Low) (Note 2)
Error: Nothing transmitted
9th byte
(Wait for the next operation)
(Command data)
Changed new baud rate
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com