Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP86FS27FG Datasheet(PDF) 26 Page - Toshiba Semiconductor

Part # TMP86FS27FG
Description  CMOS 8-BIT MICROCONTROLLER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS27FG Datasheet(HTML) 26 Page - Toshiba Semiconductor

Back Button TMP86FS27FG Datasheet HTML 22Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 23Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 24Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 25Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 26Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 27Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 28Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 29Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 30Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
86FS27-26
2007-08-07
TMP86FS27
2.14 UART Timing
Table 2.14.1 UART Timing-1 (VDD
= 4.5 V to 5.5 V, fc = 2 MHz, 4 MHz, 8 MHz, 16 MHz, Topr = 20 to 30°C)
Table 2.14.2 UART Timing-2 (VDD
= 4.5 V to 5.5 V, fc = 2 MHz, 4 MHz, 8 MHz, 16 MHz, Topr = 20 to 30°C)
Table 2.14.3 UART Timing-3 (VDD
= 4.5 V to 5.5 V, fc = 2 MHz, 4 MHz, 8 MHz, 16 MHz, Topr = 20 to 30°C)
Parameter
Symbol
The Number of
Clock (fc)
Required Minimum Time
At fc
= 2 MHz
At fc
= 16
MHz
Time from the reception of a matching data until the
output of an echo back
CMeb1
Approx. 600
300
µs37.5 µs
Time from the reception of a baud rate modification
data until the output of an echo back
CMeb2
Approx. 500
250
µs31.3 µs
Time from the reception of an operation command until
the output of an echo back
CMeb3
Approx. 500
250
µs31.3 µs
Calculation time of checksum
CKsm
Approx.
1573000
786.5 ms
98.3 ms
Parameter
Symbol
The
Number of
Clock (fc)
Required Minimum Time
At fc
= 2 MHz
At fc
= 16
MHz
Time from reset release until acceptance of start bit of RXD pin
RXsup
25000
12.5 ms
1.56 ms
Time between a matching data and the next matching data
CMtr1
28500
14.3 ms
1.8 ms
Time from the echo back of matching data until the acceptance
of baud rate modification data
CMtr2
400
200
µs
25
µs
Time from the output of echo back of baud rate modification
data until the acceptance of an operation command
CMtr3
500
250
µs31.3 µs
Time from the output of echo back of operation command until
the acceptance of Password count storage addresses
CMtr4
2600
1.3 ms
163
µs
Parameter
Symbol
Min.
Max.
Unit
Time from the stop bit of the previous data record to start bit of
the next data record
tSU; ST
1
−
ms
RESET pin
(TMP86FS27)
RXD pin
(TMP86FS27)
RXsup
(5AH)
CMeb1
(5AH)
CMtr2
(28H)
(28H)
CMeb2
CMtr3
(30H)
(30H)
CMeb3
CMtr4
TXD pin
(TMP86FS27)
RXD pin
(TMP86FS27)
TXD pin
(TMP86FS27)
(5AH)
(5AH)
(5AH)
CMtr1
RXD pin
(TMP86FS27)
TXD pin
(TMP86FS27)
The end byte of a data record
tSU; ST
STOP bit
START bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com