Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP86FS27FG Datasheet(PDF) 28 Page - Toshiba Semiconductor

Part # TMP86FS27FG
Description  CMOS 8-BIT MICROCONTROLLER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS27FG Datasheet(HTML) 28 Page - Toshiba Semiconductor

Back Button TMP86FS27FG Datasheet HTML 24Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 25Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 26Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 27Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 28Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 29Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 30Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 31Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 32Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
86FS27-28
2007-08-07
TMP86FS27
Note 1: Typical values show those at Topr
= 25°C, V
DD = 5 V.
Note 2: Input current (IIN1, IIN3); The current through pull-down or pull-up resistor is not included.
Note 3: IDD does not include IREF current.
Note 4: The supply currents of SLOW2 and SLEEP2 modes are equivalent to IDLE1, 2.
DC Characteristics
(VSS = 0 V, Topr = −40 to 70°C)
Parameter
Symbol
Pins
Condition
Min
Typ.
Max
Unit
Hysteresis voltage
VHS
Hysteresis input
−
0.9
−
V
Input current
IIN1
TEST
VDD = 5.5 V, VIN = 5.5/0 V
−−
±2
µA
IIN2
Sink open drain, tri-state
IIN3
RESET
, STOP
Input resistance
RIN1
TEST pull down
−
70
−
k
Ω
RIN2
RESET pull up
100
200
450
High frequency
feedback resistor
Rfx1
XIN-XOUT
−
1.2
−
M
Ω
Low frequency
feedback resistor
Rfxt
XTIN-XTOUT
−
6
−
Output leakage
current
ILO1
Sink open drain
VDD = 5.5 V, VOUT = 5.5 V
−−
2
µA
ILO2
Tri-state
VDD = 5.5 V, VOUT = 5.5/0 V
−−
±2
Output high voltage
VOH1
Tri-state
VDD = 4.5 V, lOH = −0.7 mA
4.1
−−
V
Output low voltage
VOL
Except XOUT and P3
ports
VDD = 4.5 V, IOL = 1.6 mA
−−
0.4
Output low current
IOL
Except XOUT and P3
ports
VDD = 4.5 V, VOL = 0.4 V
−
1.6
−
mA
IOL2
P3 (High current port)
VDD = 4.5 V, VOL = 1.0 V
20
Supply current in
NORMAL 1, 2 mode
IDD
VDD = 5.5 V
VIN = 5.3 V/0.2 V
fc
= 16 MHz
fs
= 32.768 kHz
−
13
20
mA
Supply current in
IDLE1, 2 mode
−
815
Supply current in
IDLE0 mode
−
6
12.5
Supply current in
SLOW1 mode
VDD = 3.0 V
VIN = 2.8 V/0.2 V
fs
= 32.768 kHz
When a program
operates on
flash memory
−
1200
2400
µA
When a program
operates on
RAM
−
12
23
Supply current in
SLEEP1 mode
−
820
Supply current in
SLEEP0 mode
−
617
Supply current in
STOP mode
VDD = 5.0 V
VIN = 5.3 V/0.2 V
−
0.5
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com