Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PD57060STR-E Datasheet(PDF) 6 Page - STMicroelectronics

Part # PD57060STR-E
Description  RF POWER Transistors, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD57060STR-E Datasheet(HTML) 6 Page - STMicroelectronics

Back Button PD57060STR-E Datasheet HTML 2Page - STMicroelectronics PD57060STR-E Datasheet HTML 3Page - STMicroelectronics PD57060STR-E Datasheet HTML 4Page - STMicroelectronics PD57060STR-E Datasheet HTML 5Page - STMicroelectronics PD57060STR-E Datasheet HTML 6Page - STMicroelectronics PD57060STR-E Datasheet HTML 7Page - STMicroelectronics PD57060STR-E Datasheet HTML 8Page - STMicroelectronics PD57060STR-E Datasheet HTML 9Page - STMicroelectronics PD57060STR-E Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Typical performance (PD57060S)
PD57060-E, PD57060S-E
6/21
4
Typical performance (PD57060S)
Figure 2.
Capacitance vs supply voltage
Figure 3.
Drain current vs gate source
voltage
Figure 4.
Gate-source voltage vs
case temperature
Figure 5.
Output power vs input power
0
5
10
15
20
25
30
VDS (V)
1
10
100
1000
C (pF)
f = 1 MHz
Crss
Ciss
Coss
2
2.5
3
3.5
4
4.5
5
5.5
6
VGS (V)
0
1
2
3
4
5
6
7
8
Id (A)
VDS=10 V
-25
0
25
50
75
100
Tc (°C)
0.92
0.94
0.96
0.98
1
1.02
1.04
1.06
VGS (Normalized)
VDS = 10 V
Id = 0.5 A
Id = 1 A
Id = 2 A
Id = 3 A
Id = 4 A
Id = 5 A
0
0.5
1
1.5
2
2.5
3
3.5
4
Pin (W)
0
10
20
30
40
50
60
70
80
Pout (W)
VDS=28V
IDQ=100mA
960MHz
945MHz
890MHz
925MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com