Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PD57060STR-E Datasheet(PDF) 14 Page - STMicroelectronics

Part # PD57060STR-E
Description  RF POWER Transistors, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD57060STR-E Datasheet(HTML) 14 Page - STMicroelectronics

Back Button PD57060STR-E Datasheet HTML 10Page - STMicroelectronics PD57060STR-E Datasheet HTML 11Page - STMicroelectronics PD57060STR-E Datasheet HTML 12Page - STMicroelectronics PD57060STR-E Datasheet HTML 13Page - STMicroelectronics PD57060STR-E Datasheet HTML 14Page - STMicroelectronics PD57060STR-E Datasheet HTML 15Page - STMicroelectronics PD57060STR-E Datasheet HTML 16Page - STMicroelectronics PD57060STR-E Datasheet HTML 17Page - STMicroelectronics PD57060STR-E Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
Common source s-parameter
PD57060-E, PD57060S-E
14/21
6.3
PD57060S (VDS = 13.8V ID = 2A)
Figure 17.
S-parameter
FREQ
IS11I
S11∠Φ
IS21I
S21∠Φ
IS12I
S12∠Φ
IS22I
S22∠Φ
(MHz)
150
0.880
-173
4.67
69
0.012
-17
0.829
-174
200
0.891
-173
3.36
61
0.013
-33
0.848
-174
250
0.904
-175
2.54
55
0.010
-26
0.868
-175
300
0.915
-175
1.99
49
0.009
-20
0.881
-175
350
0.924
-176
1.61
43
0.009
-28
0.894
-176
400
0.933
-177
1.32
38
0.007
-36
0.909
-176
450
0.940
-177
1.10
34
0.005
-27
0.915
-177
500
0.946
-178
0.93
30
0.005
-24
0.926
-178
550
0.953
-179
0.80
27
0.005
-28
0.937
-178
600
0.956
-179
0.69
23
0.004
-24
0.942
-179
650
0.961
-180
0.61
20
0.003
-5
0.949
-180
700
0.964
179
0.53
18
0.004
10
0.954
180
750
0.966
179
0.48
15
0.003
4
0.955
179
800
0.967
178
0.43
13
0.002
43
0.960
178
850
0.968
178
0.38
11
0.004
51
0.956
178
900
0.971
177
0.35
9
0.004
43
0.962
177
950
0.971
177
0.32
7
0.004
55
0.966
176
1000
0.971
176
0.29
5
0.004
70
0.968
176
1050
0.975
175
0.26
4
0.006
68
0.971
175
1100
0.973
175
0.24
2
0.006
63
0.970
175
1150
0.974
175
0.22
0
0.006
67
0.971
174
1200
0.973
174
0.21
-1
0.006
74
0.972
174
1250
0.973
174
0.19
-3
0.007
73
0.969
174
1300
0.971
173
0.18
-4
0.008
70
0.967
173
1350
0.970
173
0.17
-5
0.008
77
0.967
172
1400
0.969
172
0.15
-6
0.009
82
0.965
172
1450
0.968
172
0.14
-6
0.010
84
0.966
171
1500
0.967
171
0.13
-7
0.010
89
0.967
171



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com