Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PD57060STR-E Datasheet(PDF) 17 Page - STMicroelectronics

Part # PD57060STR-E
Description  RF POWER Transistors, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD57060STR-E Datasheet(HTML) 17 Page - STMicroelectronics

Back Button PD57060STR-E Datasheet HTML 13Page - STMicroelectronics PD57060STR-E Datasheet HTML 14Page - STMicroelectronics PD57060STR-E Datasheet HTML 15Page - STMicroelectronics PD57060STR-E Datasheet HTML 16Page - STMicroelectronics PD57060STR-E Datasheet HTML 17Page - STMicroelectronics PD57060STR-E Datasheet HTML 18Page - STMicroelectronics PD57060STR-E Datasheet HTML 19Page - STMicroelectronics PD57060STR-E Datasheet HTML 20Page - STMicroelectronics PD57060STR-E Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
PD57060-E, PD57060S-E
Package mechanical data
17/21
Note:
Resin protrusions not included (max value: 0.15 mm per side)
Figure 19.
Package dimensions
Table 10.
PowerSO-10RF straight lead mechanical data
Dim
mm
Inch
Min
Typ
Max
Min
Typ
Max
A1
1.62
1.67
1.72
0.064
0.065
0.068
A2
3.4
3.5
3.6
0.134
0.137
0.142
A3
1.2
1.3
1.4
0.046
0.05
0.054
A4
0.15
0.2
0.25
0.005
0.007
0.009
a0.2
0.007
b
5.4
5.53
5.65
0.212
0.217
0.221
c
0.23
0.27
0.32
0.008
0.01
0.012
D
9.4
9.5
9.6
0.370
0.374
0.377
D1
7.4
7.5
7.6
0.290
0.295
0.298
E
15.15
15.4
15.65
0.595
0.606
0.615
E1
9.3
9.4
9.5
0.365
0.37
0.375
E2
7.3
7.4
7.5
0.286
0.292
0.294
E3
5.9
6.1
6.3
0.231
0.24
0.247
F0.5
0.019
G1.2
0.047
R1
0.25
0.01
R2
0.8
0.031
T1
6 deg
6 deg
T2
10 deg
10 deg
CRITICAL DIMENSIONS:
- Overall width (L)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com