Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PD57060STR-E Datasheet(PDF) 7 Page - STMicroelectronics

Part # PD57060STR-E
Description  RF POWER Transistors, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD57060STR-E Datasheet(HTML) 7 Page - STMicroelectronics

Back Button PD57060STR-E Datasheet HTML 3Page - STMicroelectronics PD57060STR-E Datasheet HTML 4Page - STMicroelectronics PD57060STR-E Datasheet HTML 5Page - STMicroelectronics PD57060STR-E Datasheet HTML 6Page - STMicroelectronics PD57060STR-E Datasheet HTML 7Page - STMicroelectronics PD57060STR-E Datasheet HTML 8Page - STMicroelectronics PD57060STR-E Datasheet HTML 9Page - STMicroelectronics PD57060STR-E Datasheet HTML 10Page - STMicroelectronics PD57060STR-E Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
PD57060-E, PD57060S-E
Typical performance (PD57060S)
7/21
Figure 6.
Power gain vs output power
Figure 7.
Drain efficiency vs output power
Figure 8.
Input return loss vs output power
Figure 9.
Output power vs bias current
0
10
203040
506070
80
Pout (W)
2
4
6
8
10
12
14
16
18
Gp (dB)
VDS=28V
IDQ=100mA
960MHz
945MHz
890MHz
925MHz
0
1020
3040
50
6070
80
Pout (W)
20
30
40
50
60
70
Nd (%)
VDS=28V
IDQ=100mA
960MHz
890MHz
945MHz
925MHz
0
102030405060
7080
Pout (W)
-40
-30
-20
-10
0
RL (dB)
VDS=28V
IDQ=100mA
945MHz
925MHz
960MHz
890MHz
0
0.5
1
1.5
2
2.5
IDQ (A)
10
20
30
40
50
60
70
80
Pout (W)
Pin=32.8dBm
VDS=28V
960MHz
890MHz
945MHz
925MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com