Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PD57060STR-E Datasheet(PDF) 8 Page - STMicroelectronics

Part # PD57060STR-E
Description  RF POWER Transistors, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD57060STR-E Datasheet(HTML) 8 Page - STMicroelectronics

Back Button PD57060STR-E Datasheet HTML 4Page - STMicroelectronics PD57060STR-E Datasheet HTML 5Page - STMicroelectronics PD57060STR-E Datasheet HTML 6Page - STMicroelectronics PD57060STR-E Datasheet HTML 7Page - STMicroelectronics PD57060STR-E Datasheet HTML 8Page - STMicroelectronics PD57060STR-E Datasheet HTML 9Page - STMicroelectronics PD57060STR-E Datasheet HTML 10Page - STMicroelectronics PD57060STR-E Datasheet HTML 11Page - STMicroelectronics PD57060STR-E Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Typical performance (PD57060S)
PD57060-E, PD57060S-E
8/21
Figure 10.
Drain efficiency vs bias current
Figure 11.
Output power vs supply voltage
Figure 12.
Drain efficiency vs supply voltage
Figure 13.
Output power vs gate-source
voltage
0
0.5
1
1.5
2
2.5
IDQ (A)
10
20
30
40
50
60
70
Nd (%)
Pin=32.8dBm
VDS=28V
960MHz
925MHz
890MHz
945MHz
10
15
20
25
30
VDS (V)
10
20
30
40
50
60
70
Pout (W)
Pin=32.8dBm
IDQ=100mA
960MHz
890MHz
925MHz
945MHz
10
15
20
25
30
VDS (V)
10
20
30
40
50
60
70
Nd (%)
Pin=32.8dBm
IDQ=100mA
960MHz
925MHz
890MHz
945MHz
0
1
2345
VGS (V)
10
20
30
40
50
60
70
80
Pout (W)
Pin=32.8dBm
VDS=28v
960MHz
9455MHz
890MHz
925MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com