Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LSM6DSV80XTR Datasheet(PDF) 62 Page - STMicroelectronics

Part # LSM6DSV80XTR
Description  6-axis IMU (inertial measurement unit) with high-g accelerometer, embedded AI, and sensor fusion for wearables and sport trackers
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV80XTR Datasheet(HTML) 62 Page - STMicroelectronics

Back Button LSM6DSV80XTR Datasheet HTML 58Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 59Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 60Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 61Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 62Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 63Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 64Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 65Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 181 page
background image
9.21
CTRL8 (17h)
Control register 8 (R/W)
Table 66. CTRL8 register
HP_LPF2_
XL_BW_2
HP_LPF2_
XL_BW_1
HP_LPF2_
XL_BW_0
0(1)
0(1)
0(1)
FS_XL_1
FS_XL_0
1. This bit must be set to 0 for the correct operation of the device.
Table 67. CTRL8 register description
HP_LPF2_XL_BW_[2:0]
Accelerometer LPF2 and HP filter configuration and cutoff setting. Refer to Table 68.
FS_XL_[1:0]
Accelerometer full-scale selection:
(00: ±2 g;
01: ±4 g;
10: ±8 g;
11: ±16 g)
Table 68. Accelerometer bandwidth configurations
Filter type
HP_SLOPE_
XL_EN
LPF2_XL_EN
HP_LPF2_XL_BW_[2:0]
Bandwidth
Low pass
0
0
-
ODR/2(1)
1
000
ODR/4
001
ODR/10
010
ODR/20
011
ODR/45
100
ODR/100
101
ODR/200
110
ODR/400
111
ODR/800
High pass
1
-
000
SLOPE (ODR/4)
001
ODR/10
010
ODR/20
011
ODR/45
100
ODR/100
101
ODR/200
110
ODR/400
111
ODR/800
1. This value is ODR/2 when the accelerometer is in high-performance mode, high-accuracy ODR mode and normal mode. It
is equal to 2300 Hz when the accelerometer is in low-power mode 1 (2 mean), 912 Hz in low-power mode 2 (4 mean) and
431 Hz in low-power mode 3 (8 mean).
LSM6DSV80X
Register description
DS14764 - Rev 1
page 62/181



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com