Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LSM6DSV80XTR Datasheet(PDF) 100 Page - STMicroelectronics

Part # LSM6DSV80XTR
Description  6-axis IMU (inertial measurement unit) with high-g accelerometer, embedded AI, and sensor fusion for wearables and sport trackers
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV80XTR Datasheet(HTML) 100 Page - STMicroelectronics

Back Button LSM6DSV80XTR Datasheet HTML 96Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 97Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 98Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 99Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 100Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 101Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 102Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 103Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 104Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 181 page
background image
Name
Type
Register address
Default
Comment
Hex
Binary
SFLP_QUATX_H
R
2D
00101101
output
SFLP_QUATY_L
R
2E
00101110
output
SFLP_QUATY_H
R
2F
00101111
output
SFLP_QUATZ_L
R
30
00110000
output
SFLP_QUATZ_H
R
31
00110001
output
SFLP_GBIASX_INIT_L
R/W
32
00110010
00000000
SFLP_GBIASX_INIT_H
R/W
33
00110011
00000000
SFLP_GBIASY_INIT_L
R/W
34
00110100
00000000
SFLP_GBIASY_INIT_H
R/W
35
00110101
00000000
SFLP_GBIASZ_INIT_L
R/W
36
00110110
00000000
SFLP_GBIASZ_INIT_H
R/W
37
00110111
00000000
RESERVED
-
38-43
EMB_FUNC_FIFO_EN_A
R/W
44
01000100
00000000
EMB_FUNC_FIFO_EN_B
R/W
45
01000101
FSM_ENABLE
R/W
46
01000110
00000000
RESERVED
-
47
FSM_LONG_COUNTER_L
R/W
48
01001000
00000000
FSM_LONG_COUNTER_H
R/W
49
01001001
00000000
RESERVED
-
4A
INT_ACK_MASK
R/W
4B
01001011
00000000
FSM_OUTS1
R
4C
01001100
output
FSM_OUTS2
R
4D
01001101
output
FSM_OUTS3
R
4E
01001110
output
FSM_OUTS4
R
4F
01001111
output
FSM_OUTS5
R
50
01010000
output
FSM_OUTS6
R
51
01010001
output
FSM_OUTS7
R
52
01010010
output
FSM_OUTS8
R
53
01010011
output
RESERVED
-
54- 5D
SFLP_ODR
R/W
5E
01011110
01011011
FSM_ODR
R/W
5F
01011111
01001011
MLC_ODR
R/W
60
01100000
00010101
STEP_COUNTER_L
R
62
01100010
output
STEP_COUNTER_H
R
63
01100011
output
EMB_FUNC_SRC
R/W
64
01100100
output
EMB_FUNC_INIT_A
R/W
66
01100110
00000000
EMB_FUNC_INIT_B
R/W
67
01100111
00000000
EMB_FUNC_SENSOR_CONV_EN
R/W
6E
01101110
00001111
MLC1_SRC
R
70
01110000
output
MLC2_SRC
R
71
01110001
output
LSM6DSV80X
Embedded functions register mapping
DS14764 - Rev 1
page 100/181



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com