Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LSM6DSV80XTR Datasheet(PDF) 86 Page - STMicroelectronics

Part # LSM6DSV80XTR
Description  6-axis IMU (inertial measurement unit) with high-g accelerometer, embedded AI, and sensor fusion for wearables and sport trackers
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV80XTR Datasheet(HTML) 86 Page - STMicroelectronics

Back Button LSM6DSV80XTR Datasheet HTML 82Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 83Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 84Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 85Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 86Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 87Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 88Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 89Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 181 page
background image
9.56
INACTIVITY_THS (55h)
Activity/inactivity threshold setting register (R/W)
Table 150. INACTIVITY_THS register
INT2_HG_
SHOCK_CHANGE
INT1_HG_
SHOCK_CHANGE
INACT_
THS_5
INACT_
THS_4
INACT_
THS_3
INACT_
THS_2
INACT_
THS_1
INACT_
THS_0
Table 151. INACTIVITY_THS register description
INT2_HG_SHOCK_CHANGE
Routes high-g shock event to INT2. Default value: 0
(0: routing high-g shock event to INT2 disabled;
1: routing high-g shock event to INT2 enabled)
INT1_HG_SHOCK_CHANGE
Routes high-g shock event to INT1. Default value: 0
(0: routing high-g shock event to INT1 disabled;
1: routing high-g shock event to INT1 enabled)
INACT_THS_[5:0]
Activity/inactivity threshold. The resolution of the threshold depends on the value of
WU_INACT_THS_W_[2:0] in the INACTIVITY_DUR (54h) register. Default value: 000000
LSM6DSV80X
Register description
DS14764 - Rev 1
page 86/181



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com