Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LSM6DSV80XTR Datasheet(PDF) 84 Page - STMicroelectronics

Part # LSM6DSV80XTR
Description  6-axis IMU (inertial measurement unit) with high-g accelerometer, embedded AI, and sensor fusion for wearables and sport trackers
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV80XTR Datasheet(HTML) 84 Page - STMicroelectronics

Back Button LSM6DSV80XTR Datasheet HTML 80Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 81Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 82Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 83Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 84Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 85Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 86Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 87Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 181 page
background image
9.53
HG_FUNCTIONS_ENABLE (52h)
Enable high-g functions register (R/W)
Table 144. HG_FUNCTIONS_ENABLE register
HG_INTERRUPTS
_ENABLE
HG_WU_CHANGE
_INT_SEL
INT2_HG_WU
INT1_HG_WU
HG_SHOCK_
DUR_3
HG_SHOCK_
DUR_2
HG_SHOCK_
DUR_1
HG_SHOCK_
DUR_0
Table 145. HG_FUNCTIONS_ENABLE register description
HG_INTERRUPTS_ENABLE
Enables high-g interrupt generator (high-g wake-up and high-g shock). Default value: 0
(0: interrupt disabled; 1: interrupt enabled)
HG_WU_CHANGE_INT_SEL
Selects the type of wake-up interrupt to be sent to the INT1 pin, INT2 pin, and described by the
HG_IA bit (ALL_INT_SRC (1Dh)). Default value: 0
(0: interrupt generated each time one of the three axes is higher than the threshold;
1: interrupt when high-g passes from all axes under the threshold to at least one axis over the
threshold, or vice versa.)
INT2_HG_WU
Routes high-g wake-up event to INT2. Default value: 0
(0: routing high-g wake-up event to INT2 disabled;
1: routing high-g wake-up event to INT2 enabled)
INT1_HG_WU
Routes high-g wake-up event to INT1. Default value: 0
(0: routing high-g wake-up event to INT1 disabled;
1: routing high-g wake-up event to INT1 enabled)
HG_SHOCK_DUR_[3:0]
High-g duration to exit from shock state. Allowed values for HG_SHOCK_DUR_[3:0] are in the
range of 0 (default) to 14.
HG_SHOCK_DUR[s] = (HG_SHOCK_DUR_[3:0] +1)*512/ODR_XL_HG
9.54
HG_WAKE_UP_THS (53h)
High-g wake-up threshold register (R)
Table 146. HG_WAKE_UP_THS register
HG_WK_THS_7
HG_WK_THS_6
HG_WK_THS_5
HG_WK_THS_4
HG_WK_THS_3
HG_WK_THS_2
HG_WK_THS_1
HG_WK_THS_0
Table 147. HG_WAKE_UP_THS register description
HG_WK_THS_[7:0]
High-g wake-up threshold. The resolution of the threshold is 1 g/LSB. Default value: 00000000
LSM6DSV80X
Register description
DS14764 - Rev 1
page 84/181



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com