Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LSM6DSV80XTR Datasheet(PDF) 31 Page - STMicroelectronics

Part # LSM6DSV80XTR
Description  6-axis IMU (inertial measurement unit) with high-g accelerometer, embedded AI, and sensor fusion for wearables and sport trackers
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV80XTR Datasheet(HTML) 31 Page - STMicroelectronics

Back Button LSM6DSV80XTR Datasheet HTML 27Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 28Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 29Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 30Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 31Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 32Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 33Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 34Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 181 page
background image
6
Functionality
This section describes all the operating modes and power modes of the LSM6DSV80X .
Note:
Refer to the product application note for the details regarding operating/power mode configurations, settings,
turn-on/off time and on-the-fly changes.
6.1
Operating modes
In the LSM6DSV80X , the low-g, high-g accelerometers and the gyroscope can be turned on/off independently of
each other and are allowed to have different ODRs and power modes.
6.2
Low-g accelerometer
In the LSM6DSV80X , the accelerometer can be configured in six different operating modes: power-down mode,
low-power mode (1, 2, 3), normal mode, high-performance mode, high-accuracy ODR mode, and ODR-triggered
mode.
The operating mode selected depends on the value of the OP_MODE_XL_[2:0] bits in CTRL1 (10h).
If the value of the OP_MODE_XL_[2:0] bits is 000 (default), high-performance mode is valid for all ODRs (from
7.5 Hz up to 7.68 kHz).
Normal mode is available for ODR values from 7.5 Hz to 1.92 kHz and it is enabled by setting the
OP_MODE_XL_[2:0] bits to 111.
In high-performance mode and in normal mode, the analog antialiasing filter is active.
Low-power mode is available for lower ODRs (1.875 Hz, 15 Hz, 30 Hz, 60 Hz, 120 Hz, 240 Hz). The three low-
power modes are enabled by setting OP_MODE_XL_[2:0] to 100 (LPM1), 101 (LPM2), 110 (LPM3).
High-accuracy ODR mode is available for ODR values from 15 Hz up to 7.68 kHz and it is enabled by setting the
OP_MODE_XL_[2:0] bits to 001. Refer to Section 6.5: High-accuracy ODR mode for more details.
ODR-triggered mode is available for ODR values from 15 Hz up to 7.68 kHz and it is enabled by setting the
OP_MODE_XL_[2:0] bits to 011. Refer to Section 6.6: ODR-triggered mode for more details.
The embedded functions based on accelerometer data (free-fall, 6D/4D, tap/double-tap, wake-up, activity/
inactivity, stationary/motion, step counter, step detection, significant motion, tilt) and the FIFO batching
functionality are supported in all modes.
Figure 16. Single-channel mode (XL_DualC_EN = 0)
ADC
Digital
LP Filter
OP_MODE_XL_[2:0]
ODR_XL_[3:0]
LPF1
SPI / I2C /
MIPI I3C
FIFO
Composite
Filter
Channel 1
±2/±4/±8/±16 g
®
LSM6DSV80X
Functionality
DS14764 - Rev 1
page 31/181



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com