Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

F39-LSGA Datasheet(PDF) 37 Page - Omron Electronics LLC

Part # F39-LSGA
Description  Safety Light Curtain/Safety Multi-Light Beam
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F39-LSGA Datasheet(HTML) 37 Page - Omron Electronics LLC

Back Button F39-LSGA Datasheet HTML 33Page - Omron Electronics LLC F39-LSGA Datasheet HTML 34Page - Omron Electronics LLC F39-LSGA Datasheet HTML 35Page - Omron Electronics LLC F39-LSGA Datasheet HTML 36Page - Omron Electronics LLC F39-LSGA Datasheet HTML 37Page - Omron Electronics LLC F39-LSGA Datasheet HTML 38Page - Omron Electronics LLC F39-LSGA Datasheet HTML 39Page - Omron Electronics LLC F39-LSGA Datasheet HTML 40Page - Omron Electronics LLC F39-LSGA Datasheet HTML 41Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 109 page
background image
F3SG-SR/PG
37
F3SG-PG
Perimeter access guarding (Operating range: 20 m)
Models and Response Times
Models, Current Consumption and Weight
Perimeter guarding long range (operating range: 70 m)
Models and Response Times
Models, Current Consumption and Weight
Perimeter guarding passive mirror (operating range: 5 m)
Models and Response Times
Models, Current Consumption and Weight
Model
Number of
beams
Beam gap
[mm]
Response time
(Optical synchronization) [ms]
Response time
(Wired synchronization) [ms]
ON to OFF
OFF
(synchronized)
to ON
OFF
(not synchronized)
to ON
ON to OFF
OFF to ON
F3SG-4PGA0670-2A
2
500
8
40
140
10
50
F3SG-4PGA0970-3A
3
400
8
40
140
10
50
F3SG-4PGA1070-4A
4
300
8
40
140
10
50
F3SG-4PGA1370-4A
4
400
8
40
140
10
50
Model
Number of
beams
Beam gap
[mm]
Current consumption [mA]
Weight [kg]
Emitter
Receiver
Net
Gross
F3SG-4PGA0670-2A
2
500
45
120
1.7
2.2
F3SG-4PGA0970-3A
3
400
55
130
2.5
3.1
F3SG-4PGA1070-4A
4
300
65
140
2.7
3.3
F3SG-4PGA1370-4A
4
400
65
140
3.5
4.2
Model
Number of
beams
Beam gap
[mm]
Response time
(Optical synchronization) [ms]
Response time
(Wired synchronization) [ms]
ON to OFF
OFF
(synchronized)
to ON
OFF
(not synchronized)
to ON
ON to OFF
OFF to ON
F3SG-4PGA0670-2L
2
500
8
40
140
10
50
F3SG-4PGA0970-3L
3
400
8
40
140
10
50
F3SG-4PGA1070-4L
4
300
8
40
140
10
50
F3SG-4PGA1370-4L
4
400
8
40
140
10
50
Model
Number of
beams
Beam gap
[mm]
Current consumption [mA]
Weight [kg]
Emitter
Receiver
Net
Gross
F3SG-4PGA0670-2L
2
500
45
120
1.7
2.2
F3SG-4PGA0970-3L
3
400
55
130
2.5
3.1
F3SG-4PGA1070-4L
4
300
65
140
2.7
3.3
F3SG-4PGA1370-4L
4
400
65
140
3.5
4.2
Model
Number of
beams
Beam gap
[mm]
Response time
(Optical synchronization) [ms]
Response time
(Wired synchronization) [ms]
ON to OFF
OFF
(synchronized)
to ON
OFF
(not synchronized)
to ON
ON to OFF
OFF to ON
F3SG-4PGA0670-2C
2
500
8
40
140
10
50
F3SG-4PGA1070-4C
4
300
8
40
140
10
50
F3SG-4PGA1370-4C
4
400
8
40
140
10
50
Model
Number of
beams
Beam gap
[mm]
Current consumption [mA]
Weight [kg]
Emitter/Receiver
Net
Gross
F3SG-4PGA0670-2C
2
500
140
1.6
2.1
F3SG-4PGA1070-4C
4
300
150
2.6
3.2
F3SG-4PGA1370-4C
4
400
150
3.3
4.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com