Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320DM6446 Datasheet(PDF) 61 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM6446
Description  Digital Media System-on-Chip
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM6446 Datasheet(HTML) 61 Page - Texas Instruments

Back Button TMS320DM6446 Datasheet HTML 57Page - Texas Instruments TMS320DM6446 Datasheet HTML 58Page - Texas Instruments TMS320DM6446 Datasheet HTML 59Page - Texas Instruments TMS320DM6446 Datasheet HTML 60Page - Texas Instruments TMS320DM6446 Datasheet HTML 61Page - Texas Instruments TMS320DM6446 Datasheet HTML 62Page - Texas Instruments TMS320DM6446 Datasheet HTML 63Page - Texas Instruments TMS320DM6446 Datasheet HTML 64Page - Texas Instruments TMS320DM6446 Datasheet HTML 65Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 231 page
background image
www.ti.com
3.2.2
Power Configurations after Reset
3.3 Bootmode
TMS320DM6446
Digital Media System-on-Chip
SPRS283E – DECEMBER 2005 – REVISED MARCH 2007
Setting the DSPPWRON bit to '1’ closes (enables) the switch and enables the DSP power domain. The
default switch value is determined by the DSP_BT configuration input. If DSP self boot is selected
(DSP_BT=1), the DSP will be powered-up and DSPPWRON will be set to a value of '1'. For ARM boot
operation (DSP_BT=0), DSPPWRON will be set to the disable value of '0' and must be set by the ARM
before the DSP domain power is turned on.
Note: Once the DSP power domain is enabled (powered up), it cannot be disabled (powered down).
Dynamic power down of the DSP is not supported on this device.
Figure 3-1. CHP_SHRTSW Register
31
1
0
RESERVED
DSPPWRON
R-0000 0000 0000 0000 0000 0000 0000 000
R/W-L
LEGEND: R = Read, W = Write, n = value at reset, L = pin state latched at reset rising
Table 3-2. CHP_SHRTSW Register Description
NAME
DESCRIPTION
DSPPWRON
DSP power domain enable.
0 = DSP power domain off
1 = DSP power domain on
The VDD3P3V_PWDN register controls power to the 3.3V I/O buffers for MMC/SD/SDIO and GPIOV33.
The 3.3V I/Os are separated into two groups for independent control as shown in Figure 3-2 and
described in Table 3-3. By default, these pins are all disabled at reset.
Figure 3-2. VDD3P3V_PWDN Register
31
2
1
0
RESERVED
IOPWDN1
IOPWDN0
R-0000 0000 0000 0000 0000 0000 0000 00
R/W-1
R/W-1
LEGEND: R = Read, W = Write, n = value at reset
Table 3-3. VDD3P3V_PWDN Register Description
NAME
DESCRIPTION
IOPWDN0
GIOV33 I/O Powerdown controls GIOV33[16:0] pins.
0 = I/O buffers powered up
1 = I/O buffers powered down
IOPWDN1
MMC/SD/SDIO I/O Powerdown controls SD_CLK, SD_CMD, SD_DATA[3:0] pins.
0 = I/O buffers powered up
1 = I/O buffers powered down
The device is booted through multiple means: pin states captured at reset, primary bootloaders within
internal ROM or EMIFA, and secondary user bootloaders from peripherals or external memories. Boot
modes, pin configurations, and register configurations required for booting the device, are described in the
following sections.
Submit Documentation Feedback
Device Configurations
61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com