Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320DM6446 Datasheet(PDF) 81 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM6446
Description  Digital Media System-on-Chip
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM6446 Datasheet(HTML) 81 Page - Texas Instruments

Back Button TMS320DM6446 Datasheet HTML 77Page - Texas Instruments TMS320DM6446 Datasheet HTML 78Page - Texas Instruments TMS320DM6446 Datasheet HTML 79Page - Texas Instruments TMS320DM6446 Datasheet HTML 80Page - Texas Instruments TMS320DM6446 Datasheet HTML 81Page - Texas Instruments TMS320DM6446 Datasheet HTML 82Page - Texas Instruments TMS320DM6446 Datasheet HTML 83Page - Texas Instruments TMS320DM6446 Datasheet HTML 84Page - Texas Instruments TMS320DM6446 Datasheet HTML 85Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 231 page
background image
www.ti.com
3.6 Emulation Control
TMS320DM6446
Digital Media System-on-Chip
SPRS283E – DECEMBER 2005 – REVISED MARCH 2007
Table 3-33. HPI and EMIFA/ATA Pin Multiplexing
PINMUX0
REGISTER
MULTIPLEXED PINS
BIT FIELDS
HR/W/
HRDY/
HDS1/
HDS2/
HCNTLB/
HINT/
HD[15:0]/
HPI
ATA
HCS/
HHWIL/
HCNTLA/
INTRQ/
RDY/BSY/
DIOR/
DIOW/
ATA2/
ATA0/
DD[15:0]/
EN
EN
EM_CS2
EM_A[1]
EM_A[2]
EM_R/W
EM_WAIT
EM_OE
EM_WE
EM_A[0]
EM_BA[0]
EM_D[15:0]
0
0
EM_CS2
EM_A[1](1)
EM_R/W
RDY/BSY
EM_OE
EM_WE
EM_A[2](1)
EM_A[0](1)
EM_BA[0]
EM_D[15:0]
0
1
EM_CS2
EM_A[1](1)
INTRQ
EM_WAIT
DIOR
DIOW
EM_A[2](1)
EM_A[0](1)
ATA0
DD[15:0]
1
-
HCS
HHWIL
HR/W
HRDY
HDS1
HDS2
HCNTLA
HCNTLB
HINT
HD[15:0]
(1)
This pin shares GPIO functionality and is set by AEAW[4:0] as shown in Table 3-12, Table 3-13, and Table 3-14.
The flexibility of the DM644x architecture allows either the ARM or DSP to control the various peripherals
(setup registers, service interrupts, etc.). While this assignment is purely a matter of software convention,
during an emulation halt it is necessary for the device to know which peripherals are associated with the
halting processor so that only those modules receive the suspend signal. This allows peripherals
associated with the other (unhalted) processor to continue normal operation. The SUSPSRC register
indicates the emulation suspend source for those peripherals which support emulation suspend. The
SUSPSRC register format is shown in Figure 3-9. Brief details on the peripherals which correspond to the
register bits is given in Table 3-34. When the associated SUSPSRC bit is ‘0’, the peripheral’s emulation
suspend signal is controlled by the ARM emulator and when set to ‘1’ it is controlled by the DSP emulator.
Figure 3-9. Emulation Suspend Source Register (SUSPSRC)
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
VICP
VICP
TIMR2
TIMR1
TIMR0
GPIO
PWM2
PWM1
PWM0
SPI
UART2
UART1
UART0
I2C
ASP
Rsvd
SRC
EN
SRC
SRC
SRC
SRC
SRC
SRC
SRC
SRC
SRC
SRC
SRC
SRC
SRC
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R-0
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
HPI
USB
EMAC
Rsvd
Rsvd
Rsvd
Reserved
SRC
SRC
SRC
R-000
R/W-0
R-00
R/W-0
R-000
R/W-0
R-0 0000
LEGEND: R = Read, W = Write, n = value at reset
Table 3-34. SUSPSRC Register Description
Name
Description
VICPSRC
Video Imaging Coprocessor emulation suspend source
0 = ARM emulation suspend
1 = DSP emulation suspend
VICPEN
Video Imaging Coprocessor emulation suspend enable
0 = Emulation suspend ignored by VICP
1 = VICP emulation suspend enabled
TIMR2SRC
Timer2 (WD Timer) emulation suspend source
0 = ARM emulation suspend
1 = DSP emulation suspend
TIMR1SRC
Timer1 emulation suspend source
0 = ARM emulation suspend
1 = DSP emulation suspend
TIMR0SRC
Timer0 emulation suspend source
0 = ARM emulation suspend
1 = DSP emulation suspend
Submit Documentation Feedback
Device Configurations
81



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com