Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320DM6446 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM6446
Description  Digital Media System-on-Chip
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM6446 Datasheet(HTML) 1 Page - Texas Instruments

  TMS320DM6446 Datasheet HTML 1Page - Texas Instruments TMS320DM6446 Datasheet HTML 2Page - Texas Instruments TMS320DM6446 Datasheet HTML 3Page - Texas Instruments TMS320DM6446 Datasheet HTML 4Page - Texas Instruments TMS320DM6446 Datasheet HTML 5Page - Texas Instruments TMS320DM6446 Datasheet HTML 6Page - Texas Instruments TMS320DM6446 Datasheet HTML 7Page - Texas Instruments TMS320DM6446 Datasheet HTML 8Page - Texas Instruments TMS320DM6446 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 231 page
background image
www.ti.com
1
Digital Media System-on-Chip (DMSoC)
1.1 Features
TMS320DM6446
Digital Media System-on-Chip
SPRS283E – DECEMBER 2005 – REVISED MARCH 2007
• High-Performance Digital Media SoC
• ARM926EJ-S Core
–
594-MHz C64x+™ Clock Rate
–
Support for 32-Bit and 16-Bit (Thumb®
Mode) Instruction Sets
–
297-MHz ARM926EJ-S™ Clock Rate
–
DSP Instruction Extensions and Single
–
Eight 32-Bit C64x+ Instructions/Cycle
Cycle MAC
–
4752 C64x+ MIPS
–
ARM® Jazelle® Technology
–
Fully Software-Compatible With C64x /
–
EmbeddedICE-RT™ Logic for Real-Time
ARM9™
Debug
• Advanced Very-Long-Instruction-Word (VLIW)
• ARM9 Memory Architecture
TMS320C64x+™ DSP Core
–
16K-Byte Instruction Cache
–
Eight Highly Independent Functional Units
–
8K-Byte Data Cache
• Six ALUs (32-/40-Bit), Each Supports
–
16K-Byte RAM
Single 32-Bit, Dual 16-Bit, or Quad 8-Bit
Arithmetic per Clock Cycle
–
8K-Byte ROM
• Two Multipliers Support Four 16 x 16-Bit
• Embedded Trace Buffer™ (ETB11™) With 4KB
Multiplies (32-Bit Results) per Clock
Memory for ARM9 Debug
Cycle or Eight 8 x 8-Bit Multiplies (16-Bit
• Endianness: Little Endian for ARM and DSP
Results) per Clock Cycle
• Video Processing Subsystem
–
Load-Store Architecture With Non-Aligned
–
Front End Provides:
Support
• CCD and CMOS Imager Interface
–
64 32-Bit General-Purpose Registers
• BT.601/BT.656 Digital YCbCr 4:2:2
–
Instruction Packing Reduces Code Size
(8-/16-Bit) Interface
–
All Instructions Conditional
• Preview Engine for Real-Time Image
–
Additional C64x+™ Enhancements
Processing
• Protected Mode Operation
• Glueless Interface to Common Video
• Exceptions Support for Error Detection
Decoders
and Program Redirection
• Histogram Module
• Hardware Support for Modulo Loop
• Auto-Exposure, Auto-White Balance and
Operation
Auto-Focus Module
• C64x+ Instruction Set Features
• Resize Engine
–
Byte-Addressable (8-/16-/32-/64-Bit Data)
• Resize Images From 1/4x to 4x
–
8-Bit Overflow Protection
• Separate Horizontal/Vertical Control
–
Bit-Field Extract, Set, Clear
–
Back End Provides:
–
Normalization, Saturation, Bit-Counting
• Hardware On-Screen Display (OSD)
–
Compact 16-Bit Instructions
• Four 54-MHz DACs for a Combination of
–
Additional Instructions to Support Complex
• Composite NTSC/PAL Video
Multiplies
• Luma/Chroma Separate Video
• C64x+ L1/L2 Memory Architecture
(S-video)
–
32K-Byte L1P Program RAM/Cache (Direct
• Component (YPbPr or RGB) Video
Mapped)
(Progressive)
–
80K-Byte L1D Data RAM/Cache (2-Way
• Digital Output
Set-Associative)
• 8-/16-bit YUV or up to 24-Bit RGB
–
64K-Byte L2 Unified Mapped RAM/Cache
• HD Resolution
(Flexible RAM/Cache Allocation)
• Up to 2 Video Windows
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this document.
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TMS320DM6446

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM6446 TI-TMS320DM6446 Datasheet
1Mb / 214P
Digital Media System on-Chip
TMS320DM6446 TI-TMS320DM6446 Datasheet
1Mb / 231P
Digital Media System-on-Chip
TMS320DM6446 TI1-TMS320DM6446 Datasheet
1Mb / 227P
Digital Media System-on-Chip
TMS320DM6446 TI1-TMS320DM6446 Datasheet
1Mb / 227P
Digital Media System-on-Chip
TMS320DM6446AZWT TI-TMS320DM6446AZWT Datasheet
1Mb / 231P
Digital Media System-on-Chip
More results

Similar Description - TMS320DM6446

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM6443 TI-TMS320DM6443_07 Datasheet
1Mb / 221P
Digital Media System-on-Chip
TMS320DM6467 TI-TMS320DM6467_08 Datasheet
2Mb / 340P
Digital Media System-on-Chip
TMS320DM6446 TI-TMS320DM6446_08 Datasheet
1Mb / 231P
Digital Media System-on-Chip
TMS320DM6441_101 TI-TMS320DM6441_101 Datasheet
1Mb / 232P
Digital Media System-on-Chip
TMS320DM6467CCUT7 TI-TMS320DM6467CCUT7 Datasheet
1Mb / 355P
Digital Media System-on-Chip
TMS320DM6467CCUTD7 TI-TMS320DM6467CCUTD7 Datasheet
1Mb / 355P
Digital Media System-on-Chip
TMS320DM6467CCUTA TI1-TMS320DM6467CCUTA Datasheet
1Mb / 355P
Digital Media System-on-Chip
SM320DM6446-HIREL TI-SM320DM6446-HIREL_15 Datasheet
1Mb / 228P
Digital Media System-on-Chip
TMS320DM6441 TI1-TMS320DM6441_15 Datasheet
1Mb / 236P
Digital Media System-on-Chip
TMS320DM6467T TI1-TMS320DM6467T_15 Datasheet
2Mb / 352P
Digital Media System-on-Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com