Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320DM6446 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM6446
Description  Digital Media System-on-Chip
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM6446 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMS320DM6446 Datasheet HTML 9Page - Texas Instruments TMS320DM6446 Datasheet HTML 10Page - Texas Instruments TMS320DM6446 Datasheet HTML 11Page - Texas Instruments TMS320DM6446 Datasheet HTML 12Page - Texas Instruments TMS320DM6446 Datasheet HTML 13Page - Texas Instruments TMS320DM6446 Datasheet HTML 14Page - Texas Instruments TMS320DM6446 Datasheet HTML 15Page - Texas Instruments TMS320DM6446 Datasheet HTML 16Page - Texas Instruments TMS320DM6446 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 231 page
background image
www.ti.com
2.3.8
ARM Memory Mapping
2.3.9
Peripherals
2.3.10 PLL Controller (PLLC)
TMS320DM6446
Digital Media System-on-Chip
SPRS283E – DECEMBER 2005 – REVISED MARCH 2007
The ARM memory map is shown in Section 2.5, Memory Map Summary of this document. The ARM has
access to memories shown in the following sections.
2.3.8.1 ARM Internal Memories
The ARM has access to the following ARM internal memories:
• 16KB ARM Internal RAM on TCM interface, logically separated into two 8KB pages to allow
simultaneous access on any given cycle if there are separate accesses for code (I-TCM bus) and data
(D-TCM) to the different memory regions.
• 8KB ARM Internal ROM
2.3.8.2 External Memories
The ARM has access to the following external memories:
• DDR2 Synchronous DRAM
• Asynchronous EMIF / NOR Flash / NAND Flash
• ATA/CF
• Flash card devices:
–
MMC/SD with SDIO
–
xD
–
SmartMedia
2.3.8.3 DSP Memories
The ARM has access to the following DSP memories:
• L2 RAM
• L1P RAM
• L1D RAM
2.3.8.4 ARM-DSP Integration
DM6446 ARM and DSP integration features are as follows:
• DSP visibility from ARM’s memory map, see Section 2.5, Memory Map Summary, for details
• Boot Modes for DSP - see Device Configurations section, Section 3.3.3, DSP Boot, for details
• ARM control of DSP boot / reset - see Device Configurations section, Section 3.3.2, ARM Boot, for
details
• ARM control of DSP isolation and powerdown / powerup - see Section 3, Device Configurations, for
details
• ARM & DSP Interrupts - see Section 6.7.1, ARM CPU Interrupts, and Section 6.7.2, DSP Interrupts, for
details
The ARM9 has access to all of the peripherals on the DM6446 device with the exception of the VICP.
The ARM Subsystem includes the PLL Controller. The PLL Controller contains a set of registers for
configuring DM6446’s two internal PLLs (PLL1 and PLL2). The PLL Controller provides the following
configuration and control:
• PLL Bypass Mode
• Set PLL multiplier parameters
• Set PLL divider parameters
• PLL power down
• Oscillator power down
Submit Documentation Feedback
Device Overview
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com