Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320DM6446 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM6446
Description  Digital Media System-on-Chip
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM6446 Datasheet(HTML) 28 Page - Texas Instruments

Back Button TMS320DM6446 Datasheet HTML 24Page - Texas Instruments TMS320DM6446 Datasheet HTML 25Page - Texas Instruments TMS320DM6446 Datasheet HTML 26Page - Texas Instruments TMS320DM6446 Datasheet HTML 27Page - Texas Instruments TMS320DM6446 Datasheet HTML 28Page - Texas Instruments TMS320DM6446 Datasheet HTML 29Page - Texas Instruments TMS320DM6446 Datasheet HTML 30Page - Texas Instruments TMS320DM6446 Datasheet HTML 31Page - Texas Instruments TMS320DM6446 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 231 page
background image
www.ti.com
TMS320DM6446
Digital Media System-on-Chip
SPRS283E – DECEMBER 2005 – REVISED MARCH 2007
Table 2-8. RESET and JTAG Terminal Functions (continued)
SIGNAL
TYPE(1)
OTHER(2)(3)
DESCRIPTION
NAME
NO.
IPU
TMS
E6
I
JTAG test-port mode select input
DVDD18
–
TDO
B5
O/Z
JTAG test-port data output
DVDD18
IPU
TDI
A5
I
JTAG test-port data input
DVDD18
IPU
TCK
A6
I
JTAG test-port clock input
DVDD18
–
RTCK
B6
O/Z
JTAG test-port return clock output
DVDD18
IPD
JTAG test-port reset. For IEEE 1149.1 JTAG compatibility, see the IEEE 1149.1
TRST
D7
I
DVDD18
JTAG compatibility statement portion of this data manual .
IPU
EMU1
C6
I/O/Z
Emulation pin 1
DVDD18
IPU
EMU0
D6
I/O/Z
Emulation pin 0
DVDD18
Table 2-9. EMIFA Terminal Functions
SIGNAL
TYPE(1)
OTHER(2)(3)
DESCRIPTION
NAME
NO.
EMIFA BOOT CONFIGURATION
This pin is multiplexed between EMIFA and the VPBE. At reset, the input state is
COUT2/
sampled to set the EMIFA data bus width (EM_WIDTH). For an 8-bit wide EMIFA
IPD
B5/
A17
I/O/Z
data bus, EM_WIDTH = 0. For a 16-bit wide EMIFA data bus, EM_WIDTH = 1.
DVDD18
EM_WIDTH
After reset, it is video encoder output COUT2 or RGB666/888 Blue output data bit 5
B5.
This pin is multiplexed between DSP boot and the VPBE. At reset, the input state is
COUT3/
sampled to set the DSP boot source DSP_BT. The DSP is booted by the ARM when
IPD
B6/
B17
I/O/Z
DSP_BT=0. The DSP boots from EMIFA when DSP_BT=1.
DVDD18
DSP_BT
After reset, it is video encoder output COUT3 or RGB666/888 Blue data bit 6 output
B6.
YOUT0/
IPD
G5/
D15
I/O/Z
DVDD18
AEAW0
YOUT1/
IPD
G6/
D16
I/O/Z
DVDD18
AEAW1
These pins are multiplexed between EMIFA and the VPBE. At reset, the input states
YOUT2/
of AEAW[4:0] are sampled to set the EMIFA address bus width. See the Peripheral
IPD
G7/
D17
I/O/Z
Selection at Device Reset section for details.
DVDD18
AEAW2
After reset, these are video encoder outputs YOUT[0:4] or RGB666/888 Red and
Green data bit outputs G5, G6, G7, R3, and R4.
YOUT3/
IPD
R3/
D18
I/O/Z
DVDD18
AEAW3
YOUT4/
IPD
R4/
E15
I/O/Z
DVDD18
AEAW4
EMIFA FUNCTIONAL PINS: ASYNC / NOR
This pin is multiplexed between EMIFA and HPI.
EM_CS2/
For EMIFA, this pin is Chip Select 2 output EM_CS2 for use with asynchronous
C2
I/O/Z
DVDD18
HCS
memories (i.e., NOR flash) or NAND flash. This is the chip select for the default boot
and ROM boot modes.
For EMIFA, this pin is Chip Select 3 output EM_CS3 for use with asynchronous
EM_CS3
B1
I/O/Z
DVDD18
memories (i.e., NOR flash) or NAND flash.
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal
(2)
IPD = Internal pulldown, IPU = Internal pullup. (To pull up a signal to the opposite supply rail, a 1-k
Ω resistor should be used.)
(3)
Specifies the operating I/O supply voltage for each signal
Device Overview
28
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com