Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL72028ASEHEVAL1Z Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # ISL72028ASEHEVAL1Z
Description  3.3V Radiation Tolerant CAN Transceiver with Low Power Shutdown and Split Termination Output
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL72028ASEHEVAL1Z Datasheet(HTML) 5 Page - Renesas Technology Corp

  ISL72028ASEHEVAL1Z Datasheet HTML 1Page - Renesas Technology Corp ISL72028ASEHEVAL1Z Datasheet HTML 2Page - Renesas Technology Corp ISL72028ASEHEVAL1Z Datasheet HTML 3Page - Renesas Technology Corp ISL72028ASEHEVAL1Z Datasheet HTML 4Page - Renesas Technology Corp ISL72028ASEHEVAL1Z Datasheet HTML 5Page - Renesas Technology Corp ISL72028ASEHEVAL1Z Datasheet HTML 6Page - Renesas Technology Corp ISL72028ASEHEVAL1Z Datasheet HTML 7Page - Renesas Technology Corp ISL72028ASEHEVAL1Z Datasheet HTML 8Page - Renesas Technology Corp ISL72028ASEHEVAL1Z Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
FN8863 Rev.1.00
Page 5 of 25
Jul 27, 2017
ISL72028ASEH
1. Overview
1.2
Pin Configuration
1.3
Pin Descriptions
1.4
Equivalent Input and Output Schematic Diagrams
ISL72028ASEH
(8 Ld Ceramic Flatpack)
Top View
Pin
Number
Pin
Name
Function
1
D
CAN driver digital input. The bus states are LOW = dominant and HIGH = recessive. Internally tied HIGH.
2
GND
Ground connection
3
VCC
System power supply input (3.0V to 3.6V). The typical voltage for the device is 3.3V.
4
R
CAN data receiver output. The bus states are LOW = dominant and HIGH = recessive.
5
VREF
VCC/2 reference output for Split mode termination.
6
CANL
CAN bus line for low level output.
7
CANH
CAN bus line for high level output.
8
RS
A resistor to GND from this pin controls the rise and fall time of the CAN output waveform. Drive RS HIGH
to put the device in Low Power Shutdown mode.
Figure 3. CANH and CANL Inputs
Figure 4. CANH Output
Figure 5. CANL Output
D
GND
VCC
R
RS
CANH
CANL
VREF
8
7
6
5
2
3
4
1
Note: The package lid is tied to ground.
VCC
30V
INPUT
GND
2k
7k
4k
35k
VCC
30V
OUTPUT
GND
30V
OUTPUT
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com