Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL72028ASEHEVAL1Z Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # ISL72028ASEHEVAL1Z
Description  3.3V Radiation Tolerant CAN Transceiver with Low Power Shutdown and Split Termination Output
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL72028ASEHEVAL1Z Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button ISL72028ASEHEVAL1Z Datasheet HTML 5Page - Renesas Technology Corp ISL72028ASEHEVAL1Z Datasheet HTML 6Page - Renesas Technology Corp ISL72028ASEHEVAL1Z Datasheet HTML 7Page - Renesas Technology Corp ISL72028ASEHEVAL1Z Datasheet HTML 8Page - Renesas Technology Corp ISL72028ASEHEVAL1Z Datasheet HTML 9Page - Renesas Technology Corp ISL72028ASEHEVAL1Z Datasheet HTML 10Page - Renesas Technology Corp ISL72028ASEHEVAL1Z Datasheet HTML 11Page - Renesas Technology Corp ISL72028ASEHEVAL1Z Datasheet HTML 12Page - Renesas Technology Corp ISL72028ASEHEVAL1Z Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
FN8863 Rev.1.00
Page 9 of 25
Jul 27, 2017
ISL72028ASEH
2. Specifications
Receiver Output High
Voltage
VOH
IO = -4mA
Full
2.4
VCC- 0.2
-
V
Receiver Output Low
Voltage
VOL
IO = +4mA
Full
-
0.2
0.4
V
Input Current for CAN Bus
ICAN
CANH or CANL at 12V, D = 3V, other bus
pin at 0V, RS = 0V
Full
-
470
600
µA
CANH or CANL at 12V, D = 3V, VCC = 0V,
other bus pin at 0V, RS = 0V
Full
-
170
275
µA
CANH or CANL at -7V, D = 3V, other bus pin
at 0V, RS = 0V
Full
-500
-350
-
µA
CANH or CANL at -7V, D = 3V, VCC = 0V,
other bus pin at 0V, RS = 0V
Full
-175
-100
-
µA
Input Capacitance
(CANH or CANL)
CIN
Input to GND, D = 3V, RS = 0V
25
-
35
-
pF
Differential Input
Capacitance
CIND
Input to Input, D = 3V, RS = 0V
25
-
15
-
pF
Input Resistance
(CANH or CANL)
RIN
Input to GND, D = 3V, RS = 0V
Full
20
40
50
kΩ
Differential Input Resistance
RIND
Input to Input, D = 3V, RS = 0V
Full
40
80
100
kΩ
Supply Current
Supply Current, Low Power
Shutdown Mode
ICC(LPS) RS = D = VCC, 3V ≤VCC ≤ 3.6V
Full
-
120
50
mA
Supply Current, Dominant
ICC(DOM) D = RS = 0V, no load, 3V ≤ VCC ≤ 3.6V
Full
-
5
7
mA
Supply Current, Recessive
ICC(REC) D = VCC, RS = 0V, no load, 3V ≤ VCC ≤ 3.6V
Full
-
2.6
5.0
mA
Cold Sparing Bus Current
CANH Leakage Current
IL(CANH) VCC = 0.2V, CANH = -7V or 12V,
D = VCC, CANL = float, RS = 0V
Full
-25
-4
25
µA
CANL Leakage Current
IL(CANL) VCC = 0.2V, CANL = -7V or 12V,
D = VCC, CANH = float, RS = 0V
Full
-25
-4
25
µA
VREF Leakage Current
IL(VREF) VCC = 0.2V, VREF = -7V or 12V, D = VCC
Full
-25
0.01
25
µA
Driver Switching Characteristics
Propagation Delay LOW to
HIGH
tPDLH1
RS = 0V, Figures 13 and 14
Full
-
90
160
ns
Propagation Delay LOW to
HIGH
tPDLH2
RS = 10kΩ, Figures 13 and 14
Full
-
350
550
ns
Propagation Delay LOW to
HIGH
tPDLH3
RS = 50kΩ, Figures 13 and 14
Full
-
475
800
ns
Propagation Delay HIGH to
LOW
tPDHL1
RS = 0V, Figures 13 and 14
Full
-
115
180
ns
Propagation Delay HIGH to
LOW
tPDHL2
RS = 10kΩ, Figures 13 and 14
Full
-
410
600
ns
Propagation Delay HIGH to
LOW
tPDHL3
RS = 50kΩ, Figures 13 and 14
Full
-
550
900
ns
Output Skew
tSKEW1
RS = 0V, (|tPHL - tPLH|), Figures 13 and 14
Full
-
20
65
ns
Test Conditions: VCC = 3V to 3.6V; typical values are at TA = +25°C (Note 9), unless otherwise specified (Note 7). Boldface limits apply
across the operating temperature range, -55°C to +125°C, over a total ionizing dose of 75krad(Si) at +25°C with exposure at a
low dose rate of <10mrad(Si)/s, and over a total ionizing dose of 100krad(SI) at +25°C with exposure of a high dose rate of
50krad(SI)/s to 300krad(SI)/s. (Continued)
Parameter
Symbol
Test Conditions
Temp
(°C)
Min
(Note 8)
Typ
(Note 9)
Max
(Note 8)
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com