Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL72028ASEHEVAL1Z Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # ISL72028ASEHEVAL1Z
Description  3.3V Radiation Tolerant CAN Transceiver with Low Power Shutdown and Split Termination Output
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL72028ASEHEVAL1Z Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button ISL72028ASEHEVAL1Z Datasheet HTML 17Page - Renesas Technology Corp ISL72028ASEHEVAL1Z Datasheet HTML 18Page - Renesas Technology Corp ISL72028ASEHEVAL1Z Datasheet HTML 19Page - Renesas Technology Corp ISL72028ASEHEVAL1Z Datasheet HTML 20Page - Renesas Technology Corp ISL72028ASEHEVAL1Z Datasheet HTML 21Page - Renesas Technology Corp ISL72028ASEHEVAL1Z Datasheet HTML 22Page - Renesas Technology Corp ISL72028ASEHEVAL1Z Datasheet HTML 23Page - Renesas Technology Corp ISL72028ASEHEVAL1Z Datasheet HTML 24Page - Renesas Technology Corp ISL72028ASEHEVAL1Z Datasheet HTML 25Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
FN8863 Rev.1.00
Page 23 of 25
Jul 27, 2017
ISL72028ASEH
6. Revision History
6.
Revision History
Rev.
Date
Description
1.00 Jul 27, 2017 In Pin Description table on page 4, Pins 6 and 7 - swapped pin name and description to match Pin Configuration.
Electrical Spec table on page 9:
Output Rise Time tr2 - changed: “(medium speed - 5000kbps)” to: “(medium speed - 500kbps)”.
Changed the limit for Propagation Delay High to Low, tPDHL2, from: 650ns, to: 600ns.
Changed the limit for Total Loop Delay, Driver Input to Receiver Output, Dominant to Recessive, t(LOOP2) for
RS = 10kΩ from: 750ns, to: 700ns.
0.00 Apr 14, 2017 Initial release



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com