Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL72028ASEHEVAL1Z Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # ISL72028ASEHEVAL1Z
Description  3.3V Radiation Tolerant CAN Transceiver with Low Power Shutdown and Split Termination Output
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL72028ASEHEVAL1Z Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button ISL72028ASEHEVAL1Z Datasheet HTML 15Page - Renesas Technology Corp ISL72028ASEHEVAL1Z Datasheet HTML 16Page - Renesas Technology Corp ISL72028ASEHEVAL1Z Datasheet HTML 17Page - Renesas Technology Corp ISL72028ASEHEVAL1Z Datasheet HTML 18Page - Renesas Technology Corp ISL72028ASEHEVAL1Z Datasheet HTML 19Page - Renesas Technology Corp ISL72028ASEHEVAL1Z Datasheet HTML 20Page - Renesas Technology Corp ISL72028ASEHEVAL1Z Datasheet HTML 21Page - Renesas Technology Corp ISL72028ASEHEVAL1Z Datasheet HTML 22Page - Renesas Technology Corp ISL72028ASEHEVAL1Z Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
FN8863 Rev.1.00
Page 19 of 25
Jul 27, 2017
ISL72028ASEH
4. Functional Description
4.5
Low Power Shutdown Mode
When a high level is applied to the RS pin, the device enters Low Power Shutdown mode, in which the driver and
receiver are switched off to conserve power. The bus pins are at Hi-Z and the R pin will be at logic high. In Low
Power Shutdown mode, the transceiver draws 50µA (maximum) of current.
A low level on the RS pin brings the device back to operation.
4.6
Using 3.3V Devices in 5V Systems
Looking at the differential voltage of both the 3.3V and 5V devices, the differential voltage is the same, and the
recessive common-mode output is the same. The dominant common-mode output voltage is slightly lower than that
of the 5V counterparts. The receiver specifications are also the same. Although the electrical parameters appear
compatible, perform necessary system testing to verify interchangeable operation.
4.7
Split Mode Termination
The VREF pin provides a VCC/2 output voltage for Split mode termination. The VREF pin has the same ESD
protection, short-circuit protection, and common-mode operating range as the bus pins.
The Split mode termination technique is shown in Figure 48. .
Split mode termination stabilizes the bus voltage at VCC/2 and prevents it from drifting to a high common-mode
voltage during periods of inactivity. The technique improves the electromagnetic compatibility of a network. The
Split mode termination is put at each end of the bus.
The CL capacitor between the two 60Ω resistors filters unwanted high frequency noise to ground. The resistors
should have a tolerance of 1% or better and the two resistors should be carefully matched to provide the most
effective EMI immunity. A typical value of CL for a high speed CAN network is 4.7nF, which generates a 3dB
point at 1.1Mbps. The capacitance value used is dependent on the signaling rate of the network.
Figure 48. Split Termination
NODE
#1
NODE
#n
CANH
CANL
VREF
VREF
CL
CL
NODE
#2
60Ω
60Ω
60Ω
60Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com