Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL72028ASEHEVAL1Z Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ISL72028ASEHEVAL1Z
Description  3.3V Radiation Tolerant CAN Transceiver with Low Power Shutdown and Split Termination Output
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL72028ASEHEVAL1Z Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ISL72028ASEHEVAL1Z Datasheet HTML 6Page - Renesas Technology Corp ISL72028ASEHEVAL1Z Datasheet HTML 7Page - Renesas Technology Corp ISL72028ASEHEVAL1Z Datasheet HTML 8Page - Renesas Technology Corp ISL72028ASEHEVAL1Z Datasheet HTML 9Page - Renesas Technology Corp ISL72028ASEHEVAL1Z Datasheet HTML 10Page - Renesas Technology Corp ISL72028ASEHEVAL1Z Datasheet HTML 11Page - Renesas Technology Corp ISL72028ASEHEVAL1Z Datasheet HTML 12Page - Renesas Technology Corp ISL72028ASEHEVAL1Z Datasheet HTML 13Page - Renesas Technology Corp ISL72028ASEHEVAL1Z Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
FN8863 Rev.1.00
Page 10 of 25
Jul 27, 2017
ISL72028ASEH
2. Specifications
Output Skew
tSKEW2
RS = 10kΩ, (|tPHL - tPLH|), Figures 13 and 14 Full
-
60
275
ns
Output Skew
tSKEW3
RS = 50kΩ, (|tPHL - tPLH|), Figures 13 and 14 Full
-
75
400
ns
Output Rise Time
tr1
RS = 0V, (fast speed - 1Mbps)
Figures 13 and 14
Full
15
30
85
ns
Output Fall Time
tf1
Full
10
20
65
ns
Output Rise Time
tr2
RS = 10kΩ, (medium speed - 500kbps)
Figures 13 and 14
Full
125
250
550
ns
Output Fall Time
tf2
Full
100
250
425
ns
Output Rise Time
tr3
RS = 50kΩ, (slow speed - 250kbps)
Figures 13 and 14
Full
200
360
800
ns
Output Fall Time
tf3
Full
175
390
600
ns
Total Loop Delay, Driver
Input to Receiver Output,
Recessive to Dominant
t(LOOP1) RS = 0V, Figures 18 and 19
Full
-
140
225
ns
RS = 10kΩ, Figures 18 and 19
Full
-
380
600
ns
RS = 50kΩ, Figures 18 and 19
Full
-
500
800
ns
Total Loop Delay, Driver
Input to Receiver Output,
Dominant to Recessive
t(LOOP2) RS = 0V, Figures 18 and 19
Full
-
160
285
ns
RS = 10kΩ, Figures 18 and 19
Full
-
450
700
ns
RS = 50kΩ, Figures 18 and 19
Full
-
575
950
ns
Low Power Shutdown to
Valid Dominant Time
tL-DOM)
Figures 20 and 21, (Note 11)
Full
-
6
15
µs
Receiver Switching Characteristics
Propagation Delay LOW to
HIGH
tPLH
Figures 15, 16, and 17
Full
-
50
110
ns
Propagation Delay HIGH to
LOW
tPHL
Figures 15, 16, and 17
Full
-
50
110
ns
Rx Skew
tSKEW1
|(tPHL - tPLH)|, Figures 15, 16, and 17
Full
-
2
35
ns
Rx Rise Time
tr
Figures 15, 16, and 17
Full
-
2
-
ns
Rx Fall Time
tf
Figures 15, 16, and 17
Full
-
2
-
ns
VREF/RS Pin Characteristics
VREF Pin Voltage
VREF
-5µA < IREF < 5µA
Full
0.45xVCC
1.60
0.55xVCC
V
-50µA < IREF < 50µA
Full
0.4xVCC
1.6
0.6xVCC
V
RS Pin Input Current
IRS(H)
RS = 0.75 x VCC
Full
-10.0
-0.2
-
µA
IRS(L)
VRS = 0V
Full
-450
-125
0
µA
Notes:
7. All currents into device pins are positive; all currents out of device pins are negative. All voltages are referenced to device ground
unless otherwise specified.
8. Parameters with MIN and/or MAX limits are 100% tested at -55°C, +25°C, and +125°C, unless otherwise specified.
9. Typical values are at 3.3V. Parameters with a single entry in the “TYP” column apply to 3.3V. Typical values shown are not
guaranteed.
10. Parameter included in functional testing.
11. Performed during the 100% screening operations across the full operating temperature range. Not performed as part of TCI
Group E and Group C. Radiation characterization testing performed as part of the initial release and any major changes in
design.
Test Conditions: VCC = 3V to 3.6V; typical values are at TA = +25°C (Note 9), unless otherwise specified (Note 7). Boldface limits apply
across the operating temperature range, -55°C to +125°C, over a total ionizing dose of 75krad(Si) at +25°C with exposure at a
low dose rate of <10mrad(Si)/s, and over a total ionizing dose of 100krad(SI) at +25°C with exposure of a high dose rate of
50krad(SI)/s to 300krad(SI)/s. (Continued)
Parameter
Symbol
Test Conditions
Temp
(°C)
Min
(Note 8)
Typ
(Note 9)
Max
(Note 8)
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com