Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSP56720 Datasheet(PDF) 29 Page - Freescale Semiconductor, Inc

Part # DSP56720
Description  SymphonyTM DSP56720 / DSP56721 Multi-Core Audio Processors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56720 Datasheet(HTML) 29 Page - Freescale Semiconductor, Inc

Back Button DSP56720 Datasheet HTML 25Page - Freescale Semiconductor, Inc DSP56720 Datasheet HTML 26Page - Freescale Semiconductor, Inc DSP56720 Datasheet HTML 27Page - Freescale Semiconductor, Inc DSP56720 Datasheet HTML 28Page - Freescale Semiconductor, Inc DSP56720 Datasheet HTML 29Page - Freescale Semiconductor, Inc DSP56720 Datasheet HTML 30Page - Freescale Semiconductor, Inc DSP56720 Datasheet HTML 31Page - Freescale Semiconductor, Inc DSP56720 Datasheet HTML 32Page - Freescale Semiconductor, Inc DSP56720 Datasheet HTML 33Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 54 page
background image
SymphonyTM DSP56720 / DSP56721 Multi-Core Audio Processors, Rev.1
Freescale Semiconductor
29
95
HCKR/HCKT clock cycle
–
2 x TC
10
–
–
ns
96
HCKT input rising edge to SCKT output
–
–
–
18.0
–
ns
97
HCKR input rising edge to SCKR output
–
–
–
18.0
–
ns
Notes:
1.
VCORE_VDD = 1.00 ± 0.10 V; TJ = -40°C to 125°C; CL = 50 pF.
2.
i ck = internal clock
x ck = external clock
i ck a = internal clock, asynchronous mode
(Asynchronous implies that SCKT and SCKR are two different clocks.)
i ck s = internal clock, synchronous mode
(Synchronous implies that SCKT and SCKR are the same clock.)
3.
bl = bit length
wl = word length
wr = word length relative
4.
SCKT(SCKT pin) = transmit clock
SCKR(SCKR pin) = receive clock
FST(FST pin) = transmit frame sync
FSR(FSR pin) = receive frame sync
HCKT(HCKT pin) = transmit high frequency clock
HCKR(HCKR pin) = receive high frequency clock
5.
For the internal clock, the external clock cycle is defined by Tc and the ESAI control register.
6.
The word-relative frame sync signal waveform relative to the clock operates in the same manner as the bit-length frame sync signal
waveform, but spreads from one serial clock before first bit clock (same as bit length frame sync signal), until the one before last bit
clock of the first word in frame.
7.
Periodically sampled and not 100% tested.
8.
ESAI_1, ESAI_2, ESAI_3 specs match those of ESAI.
Table 13. Enhanced Serial Audio Interface Timing Parameters (Continued)
No.
Characteristics1, 3, 4
Symbol
Expression5
Min
Max
Condition2 Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com