Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSP56720 Datasheet(PDF) 34 Page - Freescale Semiconductor, Inc

Part # DSP56720
Description  SymphonyTM DSP56720 / DSP56721 Multi-Core Audio Processors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56720 Datasheet(HTML) 34 Page - Freescale Semiconductor, Inc

Back Button DSP56720 Datasheet HTML 30Page - Freescale Semiconductor, Inc DSP56720 Datasheet HTML 31Page - Freescale Semiconductor, Inc DSP56720 Datasheet HTML 32Page - Freescale Semiconductor, Inc DSP56720 Datasheet HTML 33Page - Freescale Semiconductor, Inc DSP56720 Datasheet HTML 34Page - Freescale Semiconductor, Inc DSP56720 Datasheet HTML 35Page - Freescale Semiconductor, Inc DSP56720 Datasheet HTML 36Page - Freescale Semiconductor, Inc DSP56720 Datasheet HTML 37Page - Freescale Semiconductor, Inc DSP56720 Datasheet HTML 38Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 54 page
background image
SymphonyTM DSP56720 / DSP56721 Multi-Core Audio Processors, Rev.1
Freescale Semiconductor
34
Figure 26. Test Clock Input Timing Diagram
Figure 27. Debugger Port Timing Diagram
116
TMS, TDI data setup time
5.0
–
ns
117
TMS, TDI data hold time
25.0
–
ns
118
TCK low to TDO data valid
–
44.0
ns
119
TCK low to TDO high impedance
–
44.0
ns
Notes:
1.
VCORE_VDD = 1.0 V ± 0.10 V; TJ = -40°C to 125°C , CL = 50 pF
2.
All timings apply to OnCE module data transfers because it uses the JTAG port as an interface.
Table 16. JTAG Timing Parameters (Continued)
No.
Characteristics
All Frequencies
Unit
Min
Max
109
110
110
111
111
TCK
(Input)
VIL
VM
VIH
VM
VIH
VIL
113
112
114
115
114
TCK
(Input)
Data
Inputs
Data
Outputs
Data
Outputs
Data
Outputs
Input Data Valid
Output Data Valid
Output Data Valid



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com