Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSP56720 Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # DSP56720
Description  SymphonyTM DSP56720 / DSP56721 Multi-Core Audio Processors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56720 Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button DSP56720 Datasheet HTML 8Page - Freescale Semiconductor, Inc DSP56720 Datasheet HTML 9Page - Freescale Semiconductor, Inc DSP56720 Datasheet HTML 10Page - Freescale Semiconductor, Inc DSP56720 Datasheet HTML 11Page - Freescale Semiconductor, Inc DSP56720 Datasheet HTML 12Page - Freescale Semiconductor, Inc DSP56720 Datasheet HTML 13Page - Freescale Semiconductor, Inc DSP56720 Datasheet HTML 14Page - Freescale Semiconductor, Inc DSP56720 Datasheet HTML 15Page - Freescale Semiconductor, Inc DSP56720 Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 54 page
background image
SymphonyTM DSP56720 / DSP56721 Multi-Core Audio Processors, Rev.1
Freescale Semiconductor
12
2.1.5
AC Electrical Characteristics
The timing waveforms shown in the AC electrical characteristics section are tested with a VIL maximum of 0.8 V and a VIH
minimum of 2.0 V for all pins. AC timing specifications, which are referenced to a device input signal, are measured in
production with respect to the 50% point of the respective input signal’s transition. DSP56720/DSP56721 output levels are
measured with the production test machine VOL and VOH reference levels set at 0.4 V and 2.4 V, respectively.
2.1.6
Internal Clocks
Internal clock characteristics are listed in Table 7.
Internal supply current1 (core only) at internal clock of
200 MHz
• In Normal mode
ICCI
–
190
780
mA
• In Wait mode
ICCW
–
90
680
mA
• In Stop mode2
ICCS
–
50
640
mA
Input capacitance
CIN
––
10
pF
Notes:
1.
The Current Consumption section provides a formula to compute the estimated current requirements in Normal mode. In order
to obtain these results, all inputs must be terminated (i.e., not allowed to float). Measurements are based on synthetic intensive
DSP benchmarks. The power consumption numbers in this specification are 90% of the measured results of this benchmark. This
reflects typical DSP applications. Typical internal supply current is measured with VCORE_VDD = 1.0V, VDD_IO = 3.3V at TJ = 25°C.
Maximum internal supply current is measured with VCORE_VDD = 1.10V, VIO_VDD) = 3.6V at TJ = 125°C.
2.
In order to obtain these results, all inputs, which are not disconnected at Stop mode, must be terminated (i.e., not allowed to float).
Table 7. Internal Clocks
No.
Characteristics
Symbol
Min
Typ
Max
Unit
Condition
1
Comparison Frequency
Fref
2
–
8
MHz
Fref = Fin/NR
2
Input Clock Frequency
Fin
Max = 200 MHz
3
PLL VCO Frequency
Fvco
200
–
400
MHz
Fvco = (Fin * NF)/NR
4
Output Clock Frequency[1]
• with PLL enabled
• with PLL disabled
Fout
25
–
–
200
200
MHz
Fout= Fvco/NO
Fout = Fin
5
Duty Cycle
–
40
50
60
%
Fvco=
200 MHz – 400 MHz
Notes:
Fin = External frequency, NF = Multiplication Factor, NR = Predivision Factor, NO = Output Divider
Table 6. DC Electrical Characteristics (Continued)
Characteristics
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com