Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSP56720 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # DSP56720
Description  SymphonyTM DSP56720 / DSP56721 Multi-Core Audio Processors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56720 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button DSP56720 Datasheet HTML 6Page - Freescale Semiconductor, Inc DSP56720 Datasheet HTML 7Page - Freescale Semiconductor, Inc DSP56720 Datasheet HTML 8Page - Freescale Semiconductor, Inc DSP56720 Datasheet HTML 9Page - Freescale Semiconductor, Inc DSP56720 Datasheet HTML 10Page - Freescale Semiconductor, Inc DSP56720 Datasheet HTML 11Page - Freescale Semiconductor, Inc DSP56720 Datasheet HTML 12Page - Freescale Semiconductor, Inc DSP56720 Datasheet HTML 13Page - Freescale Semiconductor, Inc DSP56720 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 54 page
background image
SymphonyTM DSP56720 / DSP56721 Multi-Core Audio Processors, Rev.1
Freescale Semiconductor
10
2.1.2
Thermal Characteristics
For thermal characteristics, see Table 5.
2.1.3
Power Requirements
To prevent high current conditions due to possible improper sequencing of the power supplies, use an external Schottky diode
as shown in Figure 6, connected between the DSP56720/DSP56721 IO_VDD and Core_VDD power pins.
Figure 6. Prevent High Current Conditions by Using External Schottky Diode
If an external Schottky diode is not used (to prevent a high current condition at power-up), then IO_VDD must be applied ahead
of Core_VDD, as shown in Figure 7.
Figure 7. Prevent High Current Conditions by Applying IO_VDD Before Core_VDD
For correct operation of the internal power-on reset logic, the Core_VDD ramp rate (Tr) to full supply must be less than 10 ms,
as shown in Figure 8.
Table 5. Thermal Characteristics
Characteristic
Board Type
Symbol
LQFP Values
Unit
Natural Convection, Junction-to-ambient thermal resistance1,2
Single layer board
(1s)
RθJA or θJA
57 for 80 QFP
49 for 144 QFP
°C/W
Four layer board
(2s2p)
44 for 80 QFP
40 for 144 QFP
°C/W
Junction-to-case thermal resistance3
–RθJC or θJC 10 for 80 QFP
9 for 144 QFP
°C/W
Notes:
1.
Junction temperature is a function of die size, on-chip power dissipation, package thermal resistance, mounting site (board)
temperature, ambient temperature, air flow, power dissipation of other components on the board, and board thermal resistance.
2.
Per SEMI G38-87 and JEDEC JESD51-2 with the single layer board horizontal.
3.
Thermal resistance between the die and the case top surface as measured by the cold plate method
(MIL SPEC-883 Method 1012.1).
IO_VDD
Core_VDD
External
Schottky
Diode
Core_VDD
IO_VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com