Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSP56720 Datasheet(PDF) 43 Page - Freescale Semiconductor, Inc

Part # DSP56720
Description  SymphonyTM DSP56720 / DSP56721 Multi-Core Audio Processors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56720 Datasheet(HTML) 43 Page - Freescale Semiconductor, Inc

Back Button DSP56720 Datasheet HTML 39Page - Freescale Semiconductor, Inc DSP56720 Datasheet HTML 40Page - Freescale Semiconductor, Inc DSP56720 Datasheet HTML 41Page - Freescale Semiconductor, Inc DSP56720 Datasheet HTML 42Page - Freescale Semiconductor, Inc DSP56720 Datasheet HTML 43Page - Freescale Semiconductor, Inc DSP56720 Datasheet HTML 44Page - Freescale Semiconductor, Inc DSP56720 Datasheet HTML 45Page - Freescale Semiconductor, Inc DSP56720 Datasheet HTML 46Page - Freescale Semiconductor, Inc DSP56720 Datasheet HTML 47Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 54 page
background image
SymphonyTM DSP56720 / DSP56721 Multi-Core Audio Processors, Rev.1
Freescale Semiconductor
43
Figure 36. S/PDIF SRCK Timing Diagram
Figure 37. S/PIDF STCLK Timing Diagram
2.2.11
EMC Timing (DSP56720 only)
The DSP56721 device does not have an EMC module. For EMC timing parameters in DSP56720 devices, see Table 20,
Table 21, and Table 22; for timing diagrams, see Figure 38, Figure 39, and Figure 40.
Table 20. EMC Timing Parameters (EMC PLL Enabled; LCRR[CLKDIV] = 2)
Parameter
Symbol
Min
Max
Unit
LCLK cycle time
Tclk
10
–
ns
LCLK skew to LSYNC_OUT
Tclk_skew
–
160
ps
Input setup to LSYNC_IN (except LGTA/LUPWAIT)
Tin_s
2–
ns
Input hold from LSYNC_IN (except LGTA/LUPWAIT)
Tin_h
2–
ns
LGTA valid time
Tgta
12
–
ns
LUPWAIT valid time
Tupwait
12
–
ns
LALE negedge to LAD(address phase) invaild (address latch
hold time)
Tale_h
3–
ns
LALE valid time
Tale
3.8
–
ns
Output setup from LSYNC_IN (except LAD[23:0] and LALE)
Tout_s
4–
ns
Output hold from LSYNC_IN (except LAD[23:0] and LALE)
Tout_h
2–
ns
LAD[23:0] output setup from LSYNC_IN
Tad_s
3.5
–
ns
LAD[23:0] output hold from LSYNC_IN
Tad_h
1.5
–
ns
LSYNC_IN to output high impedance for LAD[23:0]
Tad_z
–4.3
ns
SRCK
(Output
)
srckp
srckph
srckpl
VM
VM
STCLK
(Input)
stclkp
stclkph
stclkpl
VM
VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com