Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S29GL01GS11DFIV13 Datasheet(PDF) 106 Page - Cypress Semiconductor

Part # S29GL01GS11DFIV13
Description  1-Gbit (128 Mbyte)/512-Mbit (64 Mbyte)/256-Mbit (32 Mbyte)/128-Mbit (16 Mbyte),3.0 V, GL-S Flash Memory
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29GL01GS11DFIV13 Datasheet(HTML) 106 Page - Cypress Semiconductor

Back Button S29GL01GS11DFIV13 Datasheet HTML 100Page - Cypress Semiconductor S29GL01GS11DFIV13 Datasheet HTML 101Page - Cypress Semiconductor S29GL01GS11DFIV13 Datasheet HTML 102Page - Cypress Semiconductor S29GL01GS11DFIV13 Datasheet HTML 103Page - Cypress Semiconductor S29GL01GS11DFIV13 Datasheet HTML 104Page - Cypress Semiconductor S29GL01GS11DFIV13 Datasheet HTML 105Page - Cypress Semiconductor S29GL01GS11DFIV13 Datasheet HTML 106Page - Cypress Semiconductor S29GL01GS11DFIV13 Datasheet HTML 107Page - Cypress Semiconductor S29GL01GS11DFIV13 Datasheet HTML 108Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 106 / 108 page
background image
Document Number: 001-98285 Rev. *R
Page 106 of 108
S29GL01GS/S29GL512S
S29GL256S/S29GL128S
*I
5162387
RYSU
03/04/2016 Updated Ordering Information on page 97:
Updated Table 14.1 on page 97:
Updated part numbers.
Replaced “In Cabin” with “Industrial Plus” in Ordering Code Definitions below
Table 14.1 on page 97.
Updated to new template.
*J
5428780
BWHA
09/06/2016 Updated Timing Specifications on page 75:
Updated AC Characteristics on page 78:
Updated Asynchronous Write Operations on page 82:
Updated Table 11.9 on page 87.
Updated Figure 11.16 on page 87.
*K
5446870
BWHA
11/10/2016 Added Automotive Grade related information in all instances across the
document.
Updated Address Space Maps on page 6:
Added ECC Status ASO on page 11.
Updated Embedded Operations on page 20:
Added Automatic ECC on page 22.
Updated Command Set on page 23:
Added ECC Status ASO on page 33.
Updated Data Integrity on page 54:
Added Erase Endurance on page 54.
Added Data Retention on page 54.
Updated Software Interface Reference on page 55:
Removed “Address and Data Configuration”.
Updated Command Summary on page 55:
Updated Table7.1 onpage55 (to include ECC ASO Commands).
Updated Electrical Specifications on page 69:
Added Thermal Resistance on page 69.
Updated Ordering Information on page 97:
Added Valid Combinations — Automotive Grade / AEC-Q100 on page 99.
Updated Other Resources on page 102:
Added Cypress Flash Memory Roadmap on page 102.
Updated Links to Software on page 102:
Updated description.
Updated Links to Application Notes on page 102:
Updated description.
Removed “Specification Bulletins”.
Removed “Contacting Cypress”.
*L
5724042 NFB / PRIT 05/03/2017 Updated Software Interface Reference on page 55:
Added Device ID and Common Flash Interface (ID-CFI) ASO Map on page 63.
Updated Ordering Information on page 97:
Updated Valid Combinations — Standard on page 97:
Updated Table 14.1 on page 97:
Updated part numbers.
Updated to new template.
Document History Page (Continued)
Document Title: S29GL01GS/S29GL512S/S29GL256S/S29GL128S,
1-Gbit (128 Mbyte)/512-Mbit (64 Mbyte)/256-Mbit (32 Mbyte)/128-Mbit (16 Mbyte), 3.0 V, GL-S Flash Memory
Document Number: 001-98285
Rev.
ECN No.
Orig. of
Change
Submission
Date
Description of Change



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com