Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S29GL01GS11DFIV13 Datasheet(PDF) 107 Page - Cypress Semiconductor

Part # S29GL01GS11DFIV13
Description  1-Gbit (128 Mbyte)/512-Mbit (64 Mbyte)/256-Mbit (32 Mbyte)/128-Mbit (16 Mbyte),3.0 V, GL-S Flash Memory
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29GL01GS11DFIV13 Datasheet(HTML) 107 Page - Cypress Semiconductor

Back Button S29GL01GS11DFIV13 Datasheet HTML 100Page - Cypress Semiconductor S29GL01GS11DFIV13 Datasheet HTML 101Page - Cypress Semiconductor S29GL01GS11DFIV13 Datasheet HTML 102Page - Cypress Semiconductor S29GL01GS11DFIV13 Datasheet HTML 103Page - Cypress Semiconductor S29GL01GS11DFIV13 Datasheet HTML 104Page - Cypress Semiconductor S29GL01GS11DFIV13 Datasheet HTML 105Page - Cypress Semiconductor S29GL01GS11DFIV13 Datasheet HTML 106Page - Cypress Semiconductor S29GL01GS11DFIV13 Datasheet HTML 107Page - Cypress Semiconductor S29GL01GS11DFIV13 Datasheet HTML 108Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 107 / 108 page
background image
Document Number: 001-98285 Rev. *R
Page 107 of 108
S29GL01GS/S29GL512S
S29GL256S/S29GL128S
*M
5776117
SZZX
06/16/2017 Updated Software Interface Reference on page 55:
Updated Command Summary on page 55:
Updated Table7.1 onpage55:
Replaced “2” with “1” in “Cycles” column corresponding to “Command Set Exit”
under “ECC ASO” Command Sequence.
*N
5827786
PRIT
07/21/2017 Updated Address Space Maps on page 6:
Updated ECC Status ASO on page 11:
Updated description.
Updated ECC Status on page 11:
Updated description.
Updated Table 2.8 on page 12 (Updated “Name” corresponding to Bit 2 and
Bit 1).
Updated Embedded Operations on page 20:
Updated Command Set on page 23:
Updated ASO Entry and Exit on page 31:
Updated ECC Status ASO on page 33:
Updated description.
Completing Sunset Review.
*O
5891084
PRIT
09/19/2017 Updated Ordering Information on page 97:
Updated Valid Combinations — Standard on page 97:
Updated Table 14.1 on page 97:
Updated part numbers.
*P
6061893
PRIT
03/30/2018 Updated Ordering Information on page 97:
Updated Valid Combinations — Standard on page 97:
Updated Table 14.1 on page 97:
Updated part numbers.
Updated Valid Combinations — Automotive Grade / AEC-Q100 on page 99:
Updated Table 14.3 on page 100:
Updated part numbers.
Updated to new template.
*Q
6199062
PRIT
06/06/2018 Updated Electrical Specifications on page 69:
Updated Thermal Resistance on page 69:
Updated Table 10.2 on page 69:
Changed value of Theta Ja parameter from 20.4 °C/W to 27.3 °C/W
corresponding to “LAE064” package.
*R
6214196
PRIT
06/21/2018 Updated Ordering Information on page 97:
Updated details corresponding to “F” and “H” under “Package Materials Set”
in the diagram.
Added a note “Halogen free definition is in accordance with IEC 61249-2-21
specification” and referred the same note in “F” and “H”.
Document History Page (Continued)
Document Title: S29GL01GS/S29GL512S/S29GL256S/S29GL128S,
1-Gbit (128 Mbyte)/512-Mbit (64 Mbyte)/256-Mbit (32 Mbyte)/128-Mbit (16 Mbyte), 3.0 V, GL-S Flash Memory
Document Number: 001-98285
Rev.
ECN No.
Orig. of
Change
Submission
Date
Description of Change



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com