Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH6583YA/NOPB Datasheet(PDF) 24 Page - Texas Instruments

Part # LMH6583YA/NOPB
Description  LMH6583 16x8 550 MHz Analog Crosspoint Switch, Gain of 2
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6583YA/NOPB Datasheet(HTML) 24 Page - Texas Instruments

Back Button LMH6583YA/NOPB Datasheet HTML 17Page - Texas Instruments LMH6583YA/NOPB Datasheet HTML 18Page - Texas Instruments LMH6583YA/NOPB Datasheet HTML 19Page - Texas Instruments LMH6583YA/NOPB Datasheet HTML 20Page - Texas Instruments LMH6583YA/NOPB Datasheet HTML 21Page - Texas Instruments LMH6583YA/NOPB Datasheet HTML 22Page - Texas Instruments LMH6583YA/NOPB Datasheet HTML 23Page - Texas Instruments LMH6583YA/NOPB Datasheet HTML 24Page - Texas Instruments LMH6583YA/NOPB Datasheet HTML 25Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 24 / 25 page
background image
www.ti.com
EXAMPLE STENCIL DESIGN
(
6.08)
BASED ON 0.125
THICK STENCIL
60X (0.5)
64X (1.5)
64X (0.3)
(R0.05) TYP
(11.4)
(11.4)
PowerPAD
TQFP - 1.2 mm max height
PAP0064E
PLASTIC QUAD FLATPACK
4228332/A 01/2022
5.14 X 5.14
0.175
5.55 X 5.55
0.15
6.08 X 6.08 (SHOWN)
0.125
6.80 X 6.80
0.1
SOLDER STENCIL
OPENING
STENCIL
THICKNESS
NOTES: (continued)
11. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate
design recommendations.
12. Board assembly site may have different recommendations for stencil design.
TM
SOLDER PASTE EXAMPLE
EXPOSED PAD
100% PRINTED SOLDER COVERAGE BY AREA
SCALE:6X
SEE TABLE FOR
DIFFERENT OPENINGS
FOR OTHER STENCIL
THICKNESSES
SYMM
SYMM
BY SOLDER MASK
METAL COVERED
64
49
17
32
33
48
1
16
65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com