Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IP175ALF Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # IP175ALF
Description  5 Port 10/100 Ethernet Integrated Switch
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP175ALF Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button IP175ALF Datasheet HTML 18Page - List of Unclassifed Manufacturers IP175ALF Datasheet HTML 19Page - List of Unclassifed Manufacturers IP175ALF Datasheet HTML 20Page - List of Unclassifed Manufacturers IP175ALF Datasheet HTML 21Page - List of Unclassifed Manufacturers IP175ALF Datasheet HTML 22Page - List of Unclassifed Manufacturers IP175ALF Datasheet HTML 23Page - List of Unclassifed Manufacturers IP175ALF Datasheet HTML 24Page - List of Unclassifed Manufacturers IP175ALF Datasheet HTML 25Page - List of Unclassifed Manufacturers IP175ALF Datasheet HTML 26Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 60 page
background image
IP175A LF
Preliminary Data Sheet
4.4
MII, SMI and MII register
IP175A LF supports two MII and one SMI (MDC and MDIO). Two MII interface to the external MAC for
data transfer and the SMI is used to program switch controller and PHY4.
IP175A LF provides basic MII registers for PHY4 and extended MII registers for switch controller. The
external MAC monitors or configures PHY4 by reading or writing the basic MII registers through SMI. The
external MAC monitors or configures switch controller by reading or writing the extended MII registers
through SMI.
The switch controller can be configured by pin and EEPROM, too. The operation is illustrated in the
following diagrams.
EEPR O M
B a s ic M II
r e gis t er s
E x t e n ded M I I
re g is t e r s
MD C , MD IO
Sw it c h
c o n tr o lle r
PH Y 4
I P 1 75A L F
EEPR O M
re g is t e r s
MA C
MA C
CP U
SC L , SD A
in itia l v a u le
f r om pins
T h r e e w a y s t o c onf ig u r e IP 17 5 A , by pins , E E P R O M , or pr ogr am m ing M I I r egis t er s
22/60
February 20, 2006
Copyright © 2004, IC Plus Corp.
IP175A LF-DS-R08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com