Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IP175ALF Datasheet(PDF) 45 Page - List of Unclassifed Manufacturers

Part # IP175ALF
Description  5 Port 10/100 Ethernet Integrated Switch
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP175ALF Datasheet(HTML) 45 Page - List of Unclassifed Manufacturers

Back Button IP175ALF Datasheet HTML 41Page - List of Unclassifed Manufacturers IP175ALF Datasheet HTML 42Page - List of Unclassifed Manufacturers IP175ALF Datasheet HTML 43Page - List of Unclassifed Manufacturers IP175ALF Datasheet HTML 44Page - List of Unclassifed Manufacturers IP175ALF Datasheet HTML 45Page - List of Unclassifed Manufacturers IP175ALF Datasheet HTML 46Page - List of Unclassifed Manufacturers IP175ALF Datasheet HTML 47Page - List of Unclassifed Manufacturers IP175ALF Datasheet HTML 48Page - List of Unclassifed Manufacturers IP175ALF Datasheet HTML 49Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 60 page
background image
IP175A LF
Preliminary Data Sheet
45/60
February 20, 2006
Copyright © 2004, IC Plus Corp.
IP175A LF-DS-R08
ROM
MII
Pin name
Description
Default
EEPROM registers 15H
15[7:5]
--
--
Don’t care
15.4
--
P4_FORCE_FULL Force port4 to be full duplex
1: force full duplex
0: force half duplex
It is valid only if p4_force (13H[4]) is set to 1’b1.
IP175A LF does not support “force 10M half mode”.
0
15.3
--
P3_FORCE_FULL Force port3 to be full duplex
1: force full duplex
0: force half duplex
It is valid only if p4_force (13H[3]) is set to 1’b1.
IP175A LF does not support “force 10M half mode”.
0
15.2
--
P2_FORCE_FULL Force port2 to be full duplex
1: force full duplex
0: force half duplex
It is valid only if p4_force (13H[2]) is set to 1’b1.
IP175A LF does not support “force 10M half mode”.
0
15.1
--
P1_FORCE_FULL Force port1 to be full duplex
1: force full duplex
0: force half duplex
It is valid only if p4_force (13H[1]) is set to 1’b1.
IP175A LF does not support “force 10M half mode”.
0
15.0
--
P0_FORCE_FULL Force port0 to be full duplex
1: force full duplex
0: force half duplex
It is valid only if p4_force (13H[0]) is set to 1’b1.
IP175A LF does not support “force 10M half mode”.
0
ROM
MII
Pin name
Description
Default
EEPROM registers 16H
16[4:0] 17[15:11]
--
Add VLAN tag
16H[0]
1: port0 adds a VLAN tag to each outgoing packet.
0: port0 doesn’t add a VLAN tag.
16H[1]
1: port1 adds a VLAN tag to each outgoing packet.
0: port1 doesn’t add a VLAN tag.
16H[2]
1: port2 adds a VLAN tag to each outgoing packet.
0: port2 doesn’t add a VLAN tag.
16H[3]
1: port3 adds a VLAN tag to each outgoing packet.
0: port3 doesn’t add a VLAN tag.
16H[4]
1: port4 adds a VLAN tag to each outgoing packet.
0: port4 doesn’t add a VLAN tag.
5’b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com