Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IP175ALF Datasheet(PDF) 30 Page - List of Unclassifed Manufacturers

Part # IP175ALF
Description  5 Port 10/100 Ethernet Integrated Switch
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP175ALF Datasheet(HTML) 30 Page - List of Unclassifed Manufacturers

Back Button IP175ALF Datasheet HTML 26Page - List of Unclassifed Manufacturers IP175ALF Datasheet HTML 27Page - List of Unclassifed Manufacturers IP175ALF Datasheet HTML 28Page - List of Unclassifed Manufacturers IP175ALF Datasheet HTML 29Page - List of Unclassifed Manufacturers IP175ALF Datasheet HTML 30Page - List of Unclassifed Manufacturers IP175ALF Datasheet HTML 31Page - List of Unclassifed Manufacturers IP175ALF Datasheet HTML 32Page - List of Unclassifed Manufacturers IP175ALF Datasheet HTML 33Page - List of Unclassifed Manufacturers IP175ALF Datasheet HTML 34Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 60 page
background image
IP175A LF
Preliminary Data Sheet
30/60
February 20, 2006
Copyright © 2004, IC Plus Corp.
IP175A LF-DS-R08
4.10
Extended MII registers
MII
ROM
Function
R/W
Description
Default
MII register 12H (18D)
12.15
12.14
2.1
2.0
LED_SEL [1:0]
R/W
Led_sel,
LED mode selection.
LED_SEL[1:0]=2’b00: LED mode 0,
LED_SEL[1:0]=2’b01: LED mode 1,
LED_SEL[1:0]=2’b10: LED mode 2,
LED_SEL[1:0]=2’b11: LED mode 3 (default)
2’b11
12.13
4.7
X_EN
R/W
X_en,
IEEE 802.3x flow control enable
This signal is used as pause_en for digital parts.
1: enable, 0:disable
1
12.12
4.4
BK_EN
R/W
Bk_en,
Backpressure enable
1: enable, 0: disable
1
12.11
4.2
BF_STM_EN
R/W
Broadcast storm enable
1: enable
Drop the incoming packet if the number of queued
broadcast
packet
is
over
the
threshold.
The
threshold is defined in register 0AH[14:13].
0: disable
0
12.10
4.3
MAC_X_EN
R/W
MII0 flow control enable
1: enable,
0: disable
1
12.7
--
MII_REGISTER_
EN
R/W
1: select MII register
0: select EEPROM register
This bit should not be enabled until the contents of
MII registers are all filled with correct value.
0
12.6
B.4
UPDATE_R4_EN
R/W
Update_r4_en,
Change capability enable
A full duplex port will change its capability to half
duplex, if the remote full duplex port does not
support 802.3x and this function is enable.
1: enable, 0: disable
0
12.4
6.5
Reserved
R/W
0
12.3
6.4
AGING
R/W
Aging time,
Aging time of address table selection
An address tag in hashing table will be dropped if
this function is turned on and its aging timer expires.
Aging =bit[4]
0: no aging
1: aging time 300sec (default)
1
12.2
--
MII0_SPEED
RO
Speed of MII0
1: 100M
0: 10M
It is speed of MII0 if P4_EXT is enabled. It is speed
of port4 if P4EXT is disabled
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com