Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IP175ALF Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # IP175ALF
Description  5 Port 10/100 Ethernet Integrated Switch
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP175ALF Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button IP175ALF Datasheet HTML 24Page - List of Unclassifed Manufacturers IP175ALF Datasheet HTML 25Page - List of Unclassifed Manufacturers IP175ALF Datasheet HTML 26Page - List of Unclassifed Manufacturers IP175ALF Datasheet HTML 27Page - List of Unclassifed Manufacturers IP175ALF Datasheet HTML 28Page - List of Unclassifed Manufacturers IP175ALF Datasheet HTML 29Page - List of Unclassifed Manufacturers IP175ALF Datasheet HTML 30Page - List of Unclassifed Manufacturers IP175ALF Datasheet HTML 31Page - List of Unclassifed Manufacturers IP175ALF Datasheet HTML 32Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 60 page
background image
IP175A LF
Preliminary Data Sheet
4.8
Initial value set by LED pins
Most configuration pins are shared with LED pin in IP175A LF. These multi-function pins are input during
reset period and are LED output after reset. IP175A LF reads initial value via pins during the reset period.
An initial value is set to 1 (0) by connecting a pin to vcc (gnd) through a 10k
Ω (1kΩ) resistor as shown on
the following figure.
The application circuit is shown below.
LED pin
VCC
VCC
220
1k
LED pin
VCC
220
1k
to set initial value = 1
to set initial value = 0
with pull up 1k ohm resister to VCC
with pull down 1k ohm resister to GND
LED pin
VCC
220
to use default value
(use no resistor to leave it open)
28/60
February 20, 2006
Copyright © 2004, IC Plus Corp.
IP175A LF-DS-R08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com