Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IP175ALF Datasheet(PDF) 49 Page - List of Unclassifed Manufacturers

Part # IP175ALF
Description  5 Port 10/100 Ethernet Integrated Switch
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP175ALF Datasheet(HTML) 49 Page - List of Unclassifed Manufacturers

Back Button IP175ALF Datasheet HTML 45Page - List of Unclassifed Manufacturers IP175ALF Datasheet HTML 46Page - List of Unclassifed Manufacturers IP175ALF Datasheet HTML 47Page - List of Unclassifed Manufacturers IP175ALF Datasheet HTML 48Page - List of Unclassifed Manufacturers IP175ALF Datasheet HTML 49Page - List of Unclassifed Manufacturers IP175ALF Datasheet HTML 50Page - List of Unclassifed Manufacturers IP175ALF Datasheet HTML 51Page - List of Unclassifed Manufacturers IP175ALF Datasheet HTML 52Page - List of Unclassifed Manufacturers IP175ALF Datasheet HTML 53Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 60 page
background image
IP175A LF
Preliminary Data Sheet
49/60
February 20, 2006
Copyright © 2004, IC Plus Corp.
IP175A LF-DS-R08
Bit
Function
R/W
Description
Default
MII status register (address 01H)
14
100Base-X full
duplex Capable
RO
1 = 100Base-X full duplex capable
0 = not 100Base-X full duplex capable
The default of this bit will change depend on the external
setting of IP175A LF. If external pin setting without
100Base-X full duplex support, then this bit will change
default to logic 0.
1
13
100Base-X half
duplex Capable
RO
1 = 100Base-X half duplex capable
0 = not 100Base-X half duplex capable
The default of this bit will change depend on the external
setting of IP175A LF. If external pin setting without
100Base-X half duplex support, then this bit will change
default to logic 0
1
12
10Base-T full
duplex Capable
RO
1 = 10Base-T full duplex capable
0 = not 10Base-T full duplex capable
The default of this bit will change depend on the external
setting of IP175A LF. If external pin setting without 100Base-T
full duplex support, then this bit will change default to logic 0
1
11
10Base-T half
duplex Capable
RO
1 = 10Base-T half duplex capable
0 = not 10Base-T half duplex capable
The default of this bit will change depend on the external
setting of IP175A LF. If external pin setting without
100Base-X full duplex support, then this bit will change
default to logic 0
1
10:7 Reserved
RO
Ignore on read
-
6
MF preamble
Suppression
RO
1 = preamble may be suppressed
0 = preamble always required
1
5
Auto-Negotiation
Complete
RO
1 = Auto-Negotiation complete
0 = Auto-Negotiation in progress
When read as logic 1, indicates that the Auto-Negotiation
process has been completed, and the contents of register 4
and 5 are valid. When read as logic 0, indicates that the
Auto-Negotiation process has not been completed, and the
contents
of
register
4
and
5
are
meaningless.
If
Auto-Negotiation is disabled (bit 0.12 set to logic 0), then this
bit will always read as logic 0.
0
4
Remote fault
RO
LH
1 = remote fault detected
0 = not remote fault detected
When read as logic 1, indicates that IP175A LF has detected
a remote fault condition. This bit is set until remote fault
condition gone and before reading the contents of the
register. This bit is cleared after IP175A LF reset.
0
3
Auto-Negotiation
Ability
RO
1 = Auto-Negotiation capable
0 = not Auto-Negotiation capable
When read as logic 1, indicates that IP175A LF has the
ability to perform Auto-Negotiation. The value of this bit will
depend on the external mode setting of IP175A LF operation
mode.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com